Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SY58610U Datasheet(PDF) 13 Page - Micrel Semiconductor

No. de pieza SY58610U
Descripción Electrónicos  3.2Gbps Precision, LVPECL 2:1 MUX with Internal Termination and Fail Safe Input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58610U Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button SY58610U Datasheet HTML 6Page - Micrel Semiconductor SY58610U Datasheet HTML 7Page - Micrel Semiconductor SY58610U Datasheet HTML 8Page - Micrel Semiconductor SY58610U Datasheet HTML 9Page - Micrel Semiconductor SY58610U Datasheet HTML 10Page - Micrel Semiconductor SY58610U Datasheet HTML 11Page - Micrel Semiconductor SY58610U Datasheet HTML 12Page - Micrel Semiconductor SY58610U Datasheet HTML 13Page - Micrel Semiconductor SY58610U Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Micrel, Inc.
SY58610U
November 2006
13
M9999-111406-A
hbwhelp@micrel.com or (408) 955-1690
LVPECL Output Termination
LVPECL output has very low output impedance (open
emitter), and small signal swing which results in low
EMI. LVPECL is ideal for driving 50Ω and 100Ω-
controlled impedance transmission lines. There are
several techniques in terminating the LVPECL output,
as shown in Figures 5a and 5b.
Figure 5a. Parallel Termination-Thevenin
Equivalent
Figure 5b. Three-Resistor “Y-Termination”
Related Product and Support Documents
Part Number
Function
Data Sheet Link
SY58609U
4.25Gbps Precision, CML 2:1 MUX with
Internal Termination and Fail Safe Input
http://www.micrel.com/_PDF/HBW/sy58609u.pdf
SY58611U
3.2Gbps Precision, LVDS 2:1 MUX with
Internal Termination and Fail Safe Input
http://www.micrel.com/_PDF/HBW/sy58611u.pdf
HBW Solutions
New Products and Termination Application
Notes
http://www.micrel.com/page.do?page=/product-
info/as/HBWsolutions.shtml


Número de pieza similar - SY58610U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY58610U MICREL-SY58610U Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
SY58610UMG MICREL-SY58610UMG Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
SY58610UMGTR MICREL-SY58610UMGTR Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
SY58610U MICREL-SY58610U_10 Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
More results

Descripción similar - SY58610U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY58611U MICREL-SY58611U Datasheet
606Kb / 13P
   3.2Gbps Precision, LVDS 2:1 MUX with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U_08 Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY89467U MICREL-SY89467U Datasheet
564Kb / 15P
   Precision LVPECL 1:20 Fanout with 2:1 MUX and Internal Termination with Fail-Safe Input
SY89846U MICREL-SY89846U Datasheet
702Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58609U MICREL-SY58609U Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com