Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSNR581 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

No. de pieza CSNR581
Descripción Electrónicos  Solid State Sensors Closed Loop Current Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CSNR581 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  CSNR581 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CSNR581 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CSNR581 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CSNR581 Datasheet HTML 4Page - Honeywell Solid State Electronics Center CSNR581 Datasheet HTML 5Page - Honeywell Solid State Electronics Center CSNR581 Datasheet HTML 6Page - Honeywell Solid State Electronics Center CSNR581 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CSNR581 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CSNR581 Datasheet HTML 9Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Solid State Sensors
CSN Series
Closed Loop Current Sensors
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
61
CSNA, CSNB, CSNE SERIES ORDER GUIDE
Catalog
Listing
Current
Range
Amps
Supply
Voltage
VDC ±5%
Coil
Characteristics
Turns
Resistance
Meas.
Currents
Nom.
Meas.
Resist
(@ Inom)
CSNA111
±70
±15
1000
90 @70°C
50 mA for 50 A
40 to 130
CSNB121
±100
±15
2000
160 @70°C
25 mA for 50 A
40 to 270
CSNB131
±100
±15
2000
130 @70°C
25 mA for 50 A
40 to 300
CSNE151
±5-36
±15
1000
110 @70°C
25 mA for 25 A
100 to 320
CSNE381*
±5-36
±5V
1000
66 @70°C
25 mA for 25 A
0 to 84
CSNH151*
±4-43
±15V
1000
110 @70°C
25 mA for 25 A
100 to 320
NOTE: Extended temperature range and potting also available.
* Contact the 800 number for more information.
SPECIFICATIONS
Catalog Listing
CSNA111
CSNB121
CSNB131
CSNE151
Offset Current @ 25°C, mA max.
±0.20
±0.10
±0.10
±0.10
Temperature Drift, 0 to 70°C, mA
±0.35 typ.
±0.20 typ.
±0.20 typ.
±0.17 typ.
±0.60 max.
±0.30 max.
±0.30 max.
±0.60 max.
Linearity
0.1%
0.1%
0.1%
0.2%
Supply Voltage
±15V
±15V
±15V
±15V
Galvanic Isolation @ 50 Hz/1 min.
2.5 kV rms
5 kV rms
Accuracy
±0.5% of IN (nominal Current) at 25°C
Response Time
<1 s
Bandwidth
DC to 150 kHz
Temperature
Operating: 0 to 70°C (32 to 150°F)
Storage: −25 to 85°C(−13 to 185°F)
Primary Circuit Connection
Thru-hole
Thru-hole
Thru-hole
Invasive on 10 pins
Secondary Circuit Connection
3 Pins
3 Pins
3 Pins
3 Pins
Current Drain
10 mA (no load current) + output current (secondary current)
‘‘In-Out’’ Sense Signal
To obtain positive measuring current on O/P terminal, current must flow in direction of arrow
Mounting
PCB, 3 pins, hole size 0.95 mm
PCB, 13 pins
PRIMARY PIN CONNECTIONS FOR CSNE151
Primary Current
Primary
Turns
Nom. IDN
(A)
Max. ID
(A)
Output
Current
(mA)
Primary
Resistance
(m )
Primary Pin
Connections
1
243625
0.3
2
121824
1.1
3
8
12
24
2.5
4
6
9
24
4.4
5
5
7
25
6.3
WIRING DIAGRAMS
CSNA111/CSNB121/CSNB131
CSNE151
PDFINFO
p a g e - 0 6 1


Número de pieza similar - CSNR581

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Accelerometer...
CSNR151-004 HONEYWELL-ACC-CSNR151-004 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
More results

Descripción similar - CSNR581

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Clare, Inc.
LDA100 CLARE-LDA100 Datasheet
69Kb / 5P
   Solid State Current Sensors
LDA211 CLARE-LDA211 Datasheet
70Kb / 5P
   Solid State Current Sensors
LDA110 CLARE-LDA110 Datasheet
69Kb / 5P
   Solid State Current Sensors
LDA111 CLARE-LDA111 Datasheet
69Kb / 5P
   Solid State Current Sensors
LDA101 CLARE-LDA101 Datasheet
68Kb / 5P
   Solid State Current Sensors
LDA210 CLARE-LDA210 Datasheet
70Kb / 5P
   Solid State Current Sensors
LDA201 CLARE-LDA201 Datasheet
70Kb / 5P
   Solid State Current Sensors
LDA200 CLARE-LDA200 Datasheet
70Kb / 5P
   Solid State Current Sensors
logo
Honeywell Solid State E...
005999 HONEYWELL-005999 Datasheet
639Kb / 5P
   Open Loop Current Sensors
10/22
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com