Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HSMP-381B Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

No. de Pieza. HSMP-381B
Descripción  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo 

HSMP-381B Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Typical Performance, T
C = 25°C
Figure 2. RF Capacitance vs. Reverse
Bias, HSMP-386B/C/E/F Series.
0.15
0.30
0.25
0.20
0.35
0.40
0.45
02
6
410 12
816
14
18 20
REVERSE VOLTAGE (V)
Figure 1. RF Capacitance vs. Reverse
Bias, HSMP-381B/C/E/F Series.
1 MHz
30 MHz
frequency>100 MHz
0.15
0.30
0.25
0.20
0.35
02
6
410 12
816
14
18 20
REVERSE VOLTAGE (V)
1 GHz
100 MHz
1 MHz
10000
1000
100
10
1
0.1
IF – FORWARD BIAS CURRENT (mA)
0.01
0.1
1
10
100
HSMP-381B/C/E/F, -481B
HSMP-
386B/C/E/F
HSMP-482B
HSMP-389B/C/E/F, -489B
Figure 3. Total RF Resistance at
25
° C vs. Forward Bias Current.
10000
1000
100
10
1.0
0.01
0.1
1
10
100
IF – FORWARD BIAS CURRENT (mA)
T
A = +85°C
T
A = +25°C
T
A = –55°C
Figure 4. RF Resistance vs. Forward
Bias Current for HSMP-381B/C/E/F
Series and HSMP-481B.
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
10203040
50
VR – REVERSE VOLTAGE (V)
Figure 5. Capacitance vs. Reverse
Voltage at 1 MHz.
HSMP-381B/C/E/F
HSMP-386B/C/E/F
HSMP-389B/C/E/F
120
110
100
90
80
70
60
50
40
1000
100
10
Diode Mounted as a
Series Attenuator in
a 50
Ω Microstrip and
Tested at 123 MHz
DIODE RF RESISTANCE (OHMS)
Figure 6. 2nd Harmonic Input
Intercept Point vs. Diode RF
Resistance for Attenuator Diodes.
120
115
110
105
100
95
90
85
110
30
IF – FORWARD BIAS CURRENT (mA)
Figure 7. 2nd Harmonic Input
Intercept Point vs. Forward Bias
Current for Switch Diodes.
HSMP-3880
HSMP-386B/C/E/F
HSMP-389B/C/E/F
Diode Mounted as a
Series Switch in
a 50
Ω Microstrip and
Tested at 123 MHz
1000
100
10
10
20
30
FORWARD CURRENT (mA)
Figure 9. Reverse Recovery Time vs.
Forward Current for Various Reverse
Voltages. HSMP-386B/C/E/F Series.
VR = 5V
VR = 10V
VR = 20V
FORWARD CURRENT (mA)
Figure 8. Reverse Recovery Time vs.
Forward Current for Various Reverse
Voltages. HSMP-482B.
1
10
100
10
20
30
V
R = 2 V
V
R = 5 V
V
R = 10 V
HSMP-381B/C/E/F
HSMP-482B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
SMS1546Surface Mount Mixer and Detector Schottky Diodes 1 2 3 Alpha Industries
SMS7621Surface Mount Mixer and Detector Schottky Diodes 1 2 3 4 5 Skyworks Solutions Inc.
MXB-0501-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-7HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1502-3HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-2001-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
443SURFACE MOUNT FUSES 1 Littelfuse
SRDA05-4R2Low Capacitance Surface Mount TVS for High−Speed Data Interfaces 1 2 3 4 5 MoreON Semiconductor
MXB-0501-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn