Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HSMP-381B Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

No. de Pieza. HSMP-381B
Descripción  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo 

HSMP-381B Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Figure 21. Internal Connections.
12
3
12
3
HSMP-489B
HSMP-481B
Typical Applications for HSMP-48XX Low Inductance Series
Figure 22. Circuit Layout.
Microstrip Series
Connection for
HSMP-48XB Series
In order to take full advantage of
the low inductance of the
HSMP-48XB series when using
them in series applications, both
lead 1 and lead 2 should be
connected together, as shown in
Figure 21.
Microstrip Shunt
Connections for
HSMP-48XB Series
In Figure 23, the center conductor
of the microstrip line is inter-
rupted and leads 1 and 2 of the
HSMP-48XB series diode are
placed across the resulting gap.
This forces the 0.5 nH lead induc-
tance of leads 1 and 2 to appear as
part of a low pass filter, reducing
the shunt parasitic inductance and
increasing the maximum available
attenuation. The 0.3 nH of shunt
inductance external to the diode is
created by the via holes, and is a
good estimate for 0.032" thick
material.
Figure 23. Circuit Layout.
50 OHM MICROSTRIP LINES
PAD CONNECTED TO
GROUND BY TWO
VIA HOLES
0.3 nH
0.3 nH
0.3 pF*
1.5 nH
1.5 nH
*0.8 pF TYPICAL FOR HSMP-482B
Figure 24. Equivalent Circuit.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
SMS1546Surface Mount Mixer and Detector Schottky Diodes 1 2 3 Alpha Industries
SMS7621Surface Mount Mixer and Detector Schottky Diodes 1 2 3 4 5 Skyworks Solutions Inc.
MXB-0501-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-7HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1502-3HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-2001-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
443SURFACE MOUNT FUSES 1 Littelfuse
SRDA05-4R2Low Capacitance Surface Mount TVS for High−Speed Data Interfaces 1 2 3 4 5 MoreON Semiconductor
MXB-0501-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn