Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HSMP-381B Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

No. de Pieza. HSMP-381B
Descripción  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo 

HSMP-381B Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Device Orientation
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
END VIEW
8 mm
4 mm
TOP VIEW
##
##
##
##
Note: “##” represents Package Marking Code.
Tape Dimensions
For Outline SOT-323 (SC-70 3 Lead)
P
P0
P2
F
W
C
D1
D
E
A0
8
° MAX.
t1 (CARRIER TAPE THICKNESS)
Tt (COVER TAPE THICKNESS)
5
° MAX.
B0
K0
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A0
B0
K0
P
D1
2.24
± 0.10
2.34
± 0.10
1.22
± 0.10
4.00
± 0.10
1.00 + 0.25
0.088
± 0.004
0.092
± 0.004
0.048
± 0.004
0.157
± 0.004
0.039 + 0.010
CAVITY
DIAMETER
PITCH
POSITION
D
P0
E
1.55
± 0.05
4.00
± 0.10
1.75
± 0.10
0.061
± 0.002
0.157
± 0.004
0.069
± 0.004
PERFORATION
WIDTH
THICKNESS
W
t1
8.00
± 0.30
0.255
± 0.013
0.315
± 0.012
0.010
± 0.0005
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
3.50
± 0.05
2.00
± 0.05
0.138
± 0.002
0.079
± 0.002
DISTANCE
WIDTH
TAPE THICKNESS
C
Tt
5.4
± 0.10
0.062
± 0.001
0.205
± 0.004
0.0025
± 0.00004
COVER TAPE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
SMS1546Surface Mount Mixer and Detector Schottky Diodes 1 2 3 Alpha Industries
SMS7621Surface Mount Mixer and Detector Schottky Diodes 1 2 3 4 5 Skyworks Solutions Inc.
MXB-0501-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-7HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1502-3HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-2001-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
443SURFACE MOUNT FUSES 1 Littelfuse
SRDA05-4R2Low Capacitance Surface Mount TVS for High−Speed Data Interfaces 1 2 3 4 5 MoreON Semiconductor
MXB-0501-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn