Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HSMP-381B Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

No. de Pieza. HSMP-381B
Descripción  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo 

HSMP-381B Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
www.hp.com/go/rf
For technical assistance or the location of
your nearest Hewlett-Packard sales office,
distributor or representative call:
Americas/Canada:
1-800-235-0312 or
408-654-8675
Far East/Australasia:
Call your local HP
sales office.
Japan:
(81 3) 3335-8152
Europe:
Call your local HP sales office.
Data subject to change.
Copyright © 1998 Hewlett-Packard Co.
Obsoletes 5966-2323E
Printed in U.S.A.
5967-6070E (5/98)
2.20 (0.087)
2.00 (0.079)
1.35 (0.053)
1.15 (0.045)
1.30 (0.051)
REF.
0.650 BSC (0.025)
2.20 (0.087)
1.80 (0.071)
0.10 (0.004)
0.00 (0.00)
0.25 (0.010)
0.15 (0.006)
1.00 (0.039)
0.80 (0.031)
0.20 (0.008)
0.10 (0.004)
0.30 (0.012)
0.10 (0.004)
0.30 REF.
10
°
0.425 (0.017)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES)
Package Dimensions
Outline SOT-323 (SC-70)
Package Characteristics
Lead Material ........................................................................................ Copper
Lead Finish ............................................................................. Tin-Lead 85/15%
Maximum Soldering Temperature ............................... 260
°C for 5 seconds
Minimum Lead Strength ........................................................... 2 pounds pull
Typical Package Inductance ................................................................... 2 nH
Typical Package Capacitance .............................. 0.08 pF (opposite leads)
Option – BLK = Bulk, 100 pcs. per antistatic bag
Option – TR1 = Tape and Reel, 3000 devices per 7" reel
Conforms to Electronic Industries RS-481, “Taping of Surface Mounted
Components for Automated Placement.” Standard Quantity is
3,000 Devices per Reel.
Ordering Information
Specify part number followed by option. For example:
HSMP - 38XA – XXX
Bulk or Tape and Reel Option
Part Number
Surface Mount PIN
Hewlett-Packard


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
SMS1546Surface Mount Mixer and Detector Schottky Diodes 1 2 3 Alpha Industries
SMS7621Surface Mount Mixer and Detector Schottky Diodes 1 2 3 4 5 Skyworks Solutions Inc.
MXB-0501-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-7HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1502-3HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-2001-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
443SURFACE MOUNT FUSES 1 Littelfuse
SRDA05-4R2Low Capacitance Surface Mount TVS for High−Speed Data Interfaces 1 2 3 4 5 MoreON Semiconductor
MXB-0501-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn