Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LT051PS Datasheet(PDF) 1 Page - Sharp Electrionic Components

No. de Pieza. LT051PS
Descripción  High Power Red Laser Diode for DVD-R/DVD-RW Drive(635nm-30mW)
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

LT051PS Datasheet(HTML) 1 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
42
LT051PS
Laser Diodes
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://sharp-world.com/ecg/
LT051PS
s
Features
(1) Maximum optical power output : 30mW (CW)
(2) Wavelength : 635nm band
(3) Single mode
(4) Single power supply
(5)
φ5.6mm package
s
Applications
(1) DVD-R drives
(2) DVD-RW drives
Reference plane
Laser chip
Emission point
Cap glass
Monitor PD
X
Y
Z
0.4±0.1
3-ø0.45±0.1
ø1.2 MAX.
0.5 MIN.
2
3
1
ø3.55±0.1
ø5.6
+
0
0.025
ø4.4MAX.
ø1.0 MIN.
Tolerance
±0.2mm
❇2
❇2
2
3
1
90 ±2
s
Outline Dimensions
High Power Red Laser Diode for DVD-
R/DVD-RW Drive(635nm-30mW)
Laser
Monitor photodiode
Optical power output (pulse)
Reverse voltage
❇3 Operating temperature
❇3 Storage temperature
Symbol
PO
Pp
Vrl
Vrd
Topr
Tstg
Rating
30
2
30
-10 to +50
-40 to +85
Unit
mW
V
❇2 50
mW
V
˚C
˚C
Parameter
(TC=25˚C)
❇1 Optical power output
❇4 Soldering temperature
Tsld
260
˚C
s
Absolute Maximum Ratings
Terminal connection
q
w
e
Single power supply
Laser
diode
Monitor
photodiode
❇1 : Dimension measured at lead base
❇2 : Within 0.6mm from reference plane
(Unit : mm)
❇1
CW (Continuous Wave) drive
❇2
Pulse width : 0.5µs, duty : 50%
❇3
Case temperature
❇4
At the position of 1.6mm or more from
the lead base (5s)


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn