Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA-4743-BLK Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

No. de pieza ADA-4743-BLK
Descripción Electrónicos  Silicon Bipolar Darlington Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADA-4743-BLK Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  ADA-4743-BLK Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADA-4743-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADA-4743-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADA-4743-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADA-4743-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADA-4743-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADA-4743-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADA-4743-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADA-4743-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Package Dimensions
Outline 43
SOT-343 (SC70 4-lead)
Ordering Information
Part Number
No. of Devices
Container
ADA-4743-TR1
3000
7” Reel
ADA-4743-TR2
10000
13” Reel
ADA-4743-BLK
100
antistatic bag
ADA-4743-TR1G
3000
7” Reel
ADA-4743-TR2G
10000
13” Reel
ADA-4743-BLKG
100
antistatic bag
Note: For lead-free option, the part number will have the character “G” at the end.
Recommended PCB Pad Layout for
Agilent’s SC70 4L/SOT-343 Products
HE
D
A2
A1
b
b1
E
1.30 BSC
C
L
A
DIMENSIONS (mm)
MIN.
1.15
1.85
1.80
0.80
0.80
0.00
0.25
0.55
0.10
0.10
MAX.
1.35
2.25
2.40
1.10
1.00
0.10
0.40
0.70
0.20
0.46
SYMBOL
E
D
HE
A
A2
A1
b
b1
c
L
NOTES:
1. All dimensions are in mm.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to EIAJ SC70.
5. Die is facing up for mold and facing down for trim/form,
ie: reverse trim/form.
6. Package surface to be mirror finish.
1.30
0.051
0.60
0.024
.090
0.035
Dimensions in
inches
mm
1.15
0.045
2.00
0.079
1.00
0.039


Número de pieza similar - ADA-4743-BLK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
More results

Descripción similar - ADA-4743-BLK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
ADA-4543 HP-ADA-4543 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
Broadcom Corporation.
ADA-4789 BOARDCOM-ADA-4789 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
Agilent(Hewlett-Packard...
ADA-4643 HP-ADA-4643 Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789 AVAGO-ADA-4789_15 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
ADA-4789 AVAGO-ADA-4789 Datasheet
385Kb / 13P
   Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
logo
New Jersey Semi-Conduct...
MPSU95 NJSEMI-MPSU95 Datasheet
82Kb / 2P
   PNP SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors(NPN Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com