Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA-4743-BLKG Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

No. de pieza ADA-4743-BLKG
Descripción Electrónicos  Silicon Bipolar Darlington Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADA-4743-BLKG Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  ADA-4743-BLKG Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADA-4743-BLKG Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADA-4743-BLKG Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADA-4743-BLKG Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADA-4743-BLKG Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADA-4743-BLKG Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADA-4743-BLKG Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADA-4743-BLKG Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADA-4743-BLKG Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
ADA-4743 Typical Performance Curves (at 25
°C, unless specified otherwise), continued
Id (mA)
Figure 9. P1dB vs. Id and Temperature
at 900 MHz.
Id (mA)
Figure 10. OIP3 vs. Id and Temperature
at 900 MHz.
Id (mA)
Figure 11. NF vs. Id and Temperature
at 900 MHz.
Id (mA)
Figure 12. Gain vs. Id and Frequency (GHz).
Id (mA)
Figure 13. P1dB vs. Id and Frequency (GHz).
Id (mA)
Figure 14. OIP3 vs. Id and Frequency (GHz).
Id (mA)
Figure 15. NF vs. Id and Frequency (GHz).
FREQUENCY (GHz)
Figure 16. Input Return Loss vs. Id
and Frequency.
FREQUENCY (GHz)
Figure 17. Output Return Loss vs. Id
and Frequency.
5.5
5
4.5
4
3.5
0
100
20
40
80
60
20
15
10
5
0
-40
°C
25
°C
85
°C
0
100
20
40
80
60
40
35
30
25
20
15
10
-40
°C
25
°C
85
°C
0
100
20
40
80
60
6
5
4
3
2
1
0
-40
°C
25
°C
85
°C
0
100
20
40
60
80
18
17
16
15
14
13
12
11
10
9
0.1
0.5
0.9
1.5
2.0
2.5
3
4
5
6
0
100
20
40
80
60
25
20
15
10
5
0
0.1
0.5
0.9
1.5
2.0
2.5
3
4
5
6
0
100
20
40
80
60
0.1
0.5
0.9
1.5
2.0
2.5
3
4
5
6
0
100
20
40
80
60
38
33
28
23
18
13
0.1
0.5
0.9
1.5
2.0
2.5
3
4
5
6
012
4
2
6
8
10
0
-5
-10
-15
-20
-25
Id=50 mA
Id=60 mA
Id=80 mA
012
4
2
6
8
10
0
-5
-10
-15
-20
-25
Id=50 mA
Id=60 mA
Id=80 mA


Número de pieza similar - ADA-4743-BLKG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
More results

Descripción similar - ADA-4743-BLKG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
ADA-4543 HP-ADA-4543 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
Broadcom Corporation.
ADA-4789 BOARDCOM-ADA-4789 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
Agilent(Hewlett-Packard...
ADA-4643 HP-ADA-4643 Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789 AVAGO-ADA-4789_15 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
ADA-4789 AVAGO-ADA-4789 Datasheet
385Kb / 13P
   Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
logo
New Jersey Semi-Conduct...
MPSU95 NJSEMI-MPSU95 Datasheet
82Kb / 2P
   PNP SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors(NPN Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com