Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCD5704PWRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCD5704PWRG4
Descripción Electrónicos  Rambus TM XDR TM CLOCK GENERATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CDCD5704PWRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCD5704PWRG4 Datasheet HTML 4Page - Texas Instruments CDCD5704PWRG4 Datasheet HTML 5Page - Texas Instruments CDCD5704PWRG4 Datasheet HTML 6Page - Texas Instruments CDCD5704PWRG4 Datasheet HTML 7Page - Texas Instruments CDCD5704PWRG4 Datasheet HTML 8Page - Texas Instruments CDCD5704PWRG4 Datasheet HTML 9Page - Texas Instruments CDCD5704PWRG4 Datasheet HTML 10Page - Texas Instruments CDCD5704PWRG4 Datasheet HTML 11Page - Texas Instruments CDCD5704PWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
CDCD5704
SCAS823 – DECEMBER 2006
over operating free-air temperature range (unless otherwise noted)(1)
VALUE
UNIT
VDD
Supply voltage range
–0.3 to 2.8
V
For SCL and SDA
–0.3 to 3.6
VI
Input voltage range (2)
V
For all other inputs
–0.3 to VDD + 0.25
VO
Output voltage range (2)
–0.5 to VDD + 0.5
V
IIK
Input clamp current, (VI < 0, VI > VDD)
±20
mA
IO
Continuous output current
±50
mA
No airflow
94.4
Airflow 150 ft/min
82.8
RθJA Thermal resistance, junction-to-ambient
(3)
K/W
Airflow 250 ft/min
79.1
Airflow 500 ft/min
74
RθJC Thermal resistance, junction-to-case
(3)
No airflow
31.8
K/W
RθJB Thermal resistance, junction-to-board
(3)
No airflow
68.9
K/W
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S1P (high-k board).
MIN
NOM
MAX
UNIT
VDDP
Supply voltage for PLL
2.375
2.5
2.625
V
VDDC
Supply voltage for core
2.375
2.5
2.625
V
VDD
Supply voltage for clock buffers
2.375
2.5
2.625
V
TA
Operating free-air temperature
0
70
°C
VIL,CLK
Low-level input voltage, REFCLK/REFCLKB
–0.15
0.15
V
VIX,CLK
Crossing-point voltage, input voltage threshold, REFCLK/REFCLKB
0.2
0.55
V
VIH,CLKD
High-level input voltage, REFCLK/REFCLKB
0.6
0.95
V
∆V
IX,CLK
Difference in crossing-point voltage
0.15
V
VIL SE
Low-level, single-ended input voltage, REFCLK
–0.15
Vth SE – 0.3
V
Vth SE
Single-ended input-voltage threshold, REFCLK (1)
0.35
0.5 VDD
V
VIH SE
High-level, single-ended input voltage, REFCLK
Vth SE + 0.3
2.625
V
VIL L
Low-level input voltage, ID0, ID1, EN, BYPASS
–0.15
0.8
V
VIH L
High-level input voltage, ID0, ID1, EN, BYPASS
1.4
2.625
V
VIL SM
Low-level input voltage, SCL, SDA (2)
–0.15
0.8
V
VIH SM
High-level input voltage, SCL, SDA (2)
1.4
3.465
V
(1)
When using a single-ended clock input, Vth is supplied to the REFCLKB pin. Duty cycle of single-ended REFCLK input is measured at
Vth.
(2)
This range of SCL and SDA input high voltage allows the CDCD5704 to co-exist with 3.3 V, 2.5 V, and 1.8 V devices on the same
serial-interface bus system.
8
Submit Documentation Feedback


Número de pieza similar - CDCD5704PWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCD5704PWRG4 TI-CDCD5704PWRG4 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
More results

Descripción similar - CDCD5704PWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCD5704 TI-CDCD5704_07 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271_11 Datasheet
533Kb / 16P
   Rambus XDR??Clock Generator
logo
Integrated Circuit Syst...
ICS9214 ICST-ICS9214 Datasheet
216Kb / 16P
   Rambus XDR Clock Generator
logo
Cypress Semiconductor
CY22313 CYPRESS-CY22313 Datasheet
159Kb / 9P
   Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
CY24272 CYPRESS-CY24272_11 Datasheet
548Kb / 16P
   Rambus XDR??Clock Generator with Zero SDA Hold Time
logo
Macronix International
MX8335 MCNIX-MX8335 Datasheet
40Kb / 6P
   RAMBUS CLOCK GENERATOR
logo
Cypress Semiconductor
CY24206 CYPRESS-CY24206 Datasheet
70Kb / 5P
   MediaClock - TM DTV, STB Clock Generator
CY24271 CYPRESS-CY24271 Datasheet
322Kb / 13P
   Rambus짰 XDR??Clock Generator
logo
Samsung semiconductor
K4Y50164UC SAMSUNG-K4Y50164UC Datasheet
3Mb / 76P
   512Mbit XDR TM DRAM(C-die)
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com