Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

5307S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de Pieza. 5307S
Descripción  Single Color φ5 Flush Mount Round Shape Type
Descarga  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

5307S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Color and Luminous Intensity
Page 2
TYP.
IF
MIN.
TYP.
IF
BG5307S
GaP
558
20
2
4
20
PG5307S
GaP
567
20
4
8
20
PY5307S
GaP
Yellow Green
572
20
5
10
20
AY5307S
GaAsP
Yellow
590
20
3
6
20
AA5307S
GaAsP
Orenge
606
20
3
6
20
VR5307S
GaAsP
624
20
3
6
20
BR5307S
GaAlAs
647
20
5
10
20
PR5307S
GaP
630
10
0.6
1.2
10
Water
Clear
Clear
Part No.
Material
Emitted
Color
Lens
Color
Green
Red
Iv (mcd)
Luminous Intensity
Dominant
Wavelength
λd (nm)
2004.10.29
Single Color φ5 Flush Mount Round Shape Type
5307S Series
(Ta=25℃)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn