Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

5307S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de Pieza. 5307S
Descripción  Single Color φ5 Flush Mount Round Shape Type
Descarga  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

5307S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
A
2.0
4.0
4.0
8.0
5.0
10.0
3.0
6.0
3.0
6.0
3.0
6.0
5.0
10.0
0.60
1.20
B
2.8
5.6
5.6
11.2
7.0
14.0
4.2
8.4
4.2
8.4
4.2
8.4
7.0
14.0
0.84
1.68
C
4.0
8.0
8.0
16.0
10.0
20.0
6.0
12.0
6.0
12.0
6.0
12.0
10.0
20.0
1.20
2.40
D
5.6
11.2
11.2
22.4
14.0
28.0
8.4
16.8
8.4
16.8
8.4
16.8
14.0
28.0
1.68
3.36
E
8.0
-
16.0
-
20.0
-
12.0
-
12.0
-
12.0
-
20.0
-
2.40
-
Please contact our sales staff concerning rank designation.
IF=20mA
IV(mcd)
PR
IF=10mA
IF=20mA
IF=20mA
VR
IF=20mA
Rank
PG
PY
BR
BG
IF=20mA
IF=20mA
IF=20mA
AY
AA
Luminous Intensity Rank
Page 5
2004.10.29
5307S Series
(Ta=25℃)
Single Color φ5 Flush Mount Round Shape Type


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn