Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM79M574-1JC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza AM79M574-1JC
Descripción Electrónicos  Metering Subscriber Line Interface Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

AM79M574-1JC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AM79M574-1JC Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 10Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 11Page - List of Unclassifed Manufacturers AM79M574-1JC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Am79M574 Data Sheet
Power Dissipation BAT = –48 V, Normal Polarity
On-hook Open Circuit state
–1*
35
35
120
80
mW
On-hook OHT state
–1*
135
135
250
200
On-hook Active state
–1*
200
200
400
300
Off-hook OHT state
RL = 600 Ω
500
750
Off-hook Active state
RL = 600 Ω
650
1000
Supply Currents
VCC On-hook supply current
Open Circuit state
OHT state
Active state
3.0
6.0
7.5
4.5
10.0
12.0
mA
VEE On-hook supply current
Open Circuit state
OHT state
Active state
1.0
2.2
2.7
2.3
3.5
6.0
VBAT On-hook supply current
Open Circuit state
OHT state
Active state
0.4
3.0
4.0
1.0
5.0
6.0
Power Supply Rejection Ratio (VRIPPLE = 50 mVrms)
VCC
50 Hz to 3400 Hz
–1*
25
30
45
45
dB
6, 7
3.4 kHz to 50 kHz
–1*
22
25
35
35
VEE
50 Hz to 3400 Hz
–1*
20
25
40
40
6, 7
3.4 kHz to 50 kHz
–1*
10
10
25
25
VBAT
50 Hz to 3400 Hz
–1*
27
30
45
45
6, 7
3.4 kHz to 50 kHz
–1*
20
25
40
40
Off-Hook Detector
Current threshold accuracy
IDET = 365/RD Nominal
–20
+20
%
Ground-Key Detector Thresholds, Active State, BAT = –48 V (See Test Circuit F)
Ground-key resistance threshold B(RING) to GND
2.0
5.0
10.0
k
Ground-key current threshold
B(RING) to GND
Midpoint to GND
9
9
mA
8
Ring-Trip Detector Input
Bias current
–5
–0.05
µA
Offset voltage
Source resistance 0 to 2 M
–50
0
+50
mV
13
ELECTRICAL CHARACTERISTICS
(continued)
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note


Número de pieza similar - AM79M574-1JC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM79M576A AMD-AM79M576A Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
AM79M576A-1 AMD-AM79M576A-1 Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
AM79M576A-1JC AMD-AM79M576A-1JC Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
AM79M576A-2 AMD-AM79M576A-2 Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
AM79M576A-2JC AMD-AM79M576A-2JC Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
More results

Descripción similar - AM79M574-1JC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM79M535 AMD-AM79M535 Datasheet
250Kb / 18P
   Metering Subscriber Line Interface Circuit
AM79M576A AMD-AM79M576A Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com