Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13156 Datasheet(PDF) 7 Page - Motorola, Inc

No. de pieza MC13156
Descripción Electrónicos  Wideband FM IF System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13156 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC13156 Datasheet HTML 3Page - Motorola, Inc MC13156 Datasheet HTML 4Page - Motorola, Inc MC13156 Datasheet HTML 5Page - Motorola, Inc MC13156 Datasheet HTML 6Page - Motorola, Inc MC13156 Datasheet HTML 7Page - Motorola, Inc MC13156 Datasheet HTML 8Page - Motorola, Inc MC13156 Datasheet HTML 9Page - Motorola, Inc MC13156 Datasheet HTML 10Page - Motorola, Inc MC13156 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MC13156
7
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS – RF AND IF DEVICE DATA
0.1
60
–5.0
1.0
40
0.1
20
f, FREQUENCY (MHz)
LO DRIVE (dBm)
VEE, SUPPLY VOLTAGE (–Vdc)
Figure 9. Mixer Gain versus IF Frequency
Figure 10. Mixer IF Output Level versus
Local Oscillator Input Level
Figure 11. RSSI Output Current versus
Supply Voltage and RF Input Signal Level
fIF, IF FREQUENCY (MHz)
Figure 12. IF Amplifier Gain versus IF Frequency
15
10
5.0
0
–5.0
1.0
10
100
–10
–15
–20
–25
–30
–35
VEE = –3.0 Vdc
TA = 25°C
–50
–40
–30
–20
–10
0
10
35
30
25
20
15
10
2.0
3.0
4.0
5.0
6.0
7.0
50
40
30
20
10
0
1.0
10
100
–40
–45
fRF = 140 MHz; fLO = 150 MHz
RF Input Level = –27 dBm
(10 mVrms)
Rin = 50 Ω; RO = 330 Ω
–20 dBm
–40 dBm
–60 dBm
–100 dBm
5.0
0
Vin = 100 µV
Rin = 50 Ω
RO = 330 Ω
BW(3.0 dB) = 26.8 MHz
TA = 25°C
–80 dBm
1.0
400
Figure 13. Recovered Audio Output Voltage
versus Supply Voltage
VEE, SUPPLY VOLTAGE (–Vdc)
fmod = 1.0 kHz
fdev = ±75 kHz
fRF = 140 MHz
RF Input Level = 1.0 mVrms
TA = 25°C
300
200
100
0
2.0
3.0
4.0
5.0
6.0
7.0
Vin =
VEE = –3.0 Vdc
Vin = 1.0 mVrms (–47 dBm)
RO = 330 Ω
Rin = 50 Ω
BW(3.0 dB) = 21.7 MHz
fIF = fLO – fRF
fLO = 150 MHz
VLO = 100 mVrms
TA = 25°C


Número de pieza similar - MC13156

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
MC13156DW LANSDALE-MC13156DW Datasheet
3Mb / 21P
   Wideband FM IF System
MC13156DW LANSDALE-MC13156DW Datasheet
2Mb / 21P
    Wideband FM IF System
MC13156FB LANSDALE-MC13156FB Datasheet
3Mb / 21P
   Wideband FM IF System
MC13156FB LANSDALE-MC13156FB Datasheet
2Mb / 21P
    Wideband FM IF System
More results

Descripción similar - MC13156

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com