Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13156FB Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza MC13156FB
Descripción Electrónicos  Wideband FM IF System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13156FB Datasheet(HTML) 2 Page - Motorola, Inc

  MC13156FB Datasheet HTML 1Page - Motorola, Inc MC13156FB Datasheet HTML 2Page - Motorola, Inc MC13156FB Datasheet HTML 3Page - Motorola, Inc MC13156FB Datasheet HTML 4Page - Motorola, Inc MC13156FB Datasheet HTML 5Page - Motorola, Inc MC13156FB Datasheet HTML 6Page - Motorola, Inc MC13156FB Datasheet HTML 7Page - Motorola, Inc MC13156FB Datasheet HTML 8Page - Motorola, Inc MC13156FB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MC13156
2
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS – RF AND IF DEVICE DATA
MAXIMUM RATINGS
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage
16, 19, 22
VEE(max)
–6.5
Vdc
Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
Tstg
–65 to +150
°C
NOTES: 1. Devices should not be operated at or outside these values. The “Recommended Operating
Conditions” table provides for actual device operation.
2. ESD data available upon request.
RECOMMENDED OPERATING CONDITIONS
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage @ TA = 25°C
4, 9
VCC
0 (Ground)
Vdc
–40
°C ≤ TA ≤ +85°C
16, 19, 22
VEE
–2.0 to –6.0
Input Frequency
1, 2
fin
500
MHz
Ambient Temperature Range
TA
–40 to +85
°C
Input Signal Level
1, 2
Vin
200
mVrms
DC ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC1 = VCC2 = 0, no input signal.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Total Drain Current (See Figure 2)
19, 22
ITotal
mA
VEE = –2.0 Vdc
4.8
VEE = –3.0 Vdc
3.0
5.0
8.0
VEE = –5.0 Vdc
5.2
VEE = –6.0 Vdc
5.4
Drain Current, I22 (See Figure 3)
22
I22
mA
VEE = –2.0 Vdc
3.0
VEE = –3.0 Vdc
3.1
VEE = –5.0 Vdc
3.3
VEE = –6.0 Vdc
3.4
Drain Current, I19 (See Figure 3)
19
I19
mA
VEE = –2.0 Vdc
1.8
VEE = –3.0 Vdc
1.9
VEE = –5.0 Vdc
1.9
VEE = –6.0 Vdc
2.0
DATA SLICER (Input Voltage Referenced to VEE = –3.0 Vdc, no input signal; See Figure 15.)
Input Threshold Voltage (High Vin)
15
V15
1.0
1.1
1.2
Vdc
Output Current (Low Vin)
17
I17
1.7
mA
Data Slicer Enabled (No Hold)
V15 > 1.1 Vdc
V18 = 0 Vdc
AC ELECTRICAL CHARACTERISTICS (TA = 25°C, VEE = –3.0 Vdc, fRF = 130 MHz, fLO = 140.7 MHz, Figure 1 test
circuit, unless otherwise specified.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
12 dB SINAD Sensitivity (See Figures 17, 25)
1, 14
–100
dBm
fin = 144.45 MHz; fmod = 1.0 kHz; fdev = ±75 kHz
MIXER
Conversion Gain
1, 3
22
dB
Pin = –37 dBm (Figure 4)
Mixer Input Impedance
1, 2
Rp
1.0
k
Single–Ended (Table 1)
Cp
4.0
pF
Mixer Output Impedance
3
330
IF AMPLIFIER SECTION
IF RSSI Slope (Figure 6)
20
0.2
0.4
0.6
µA/dB
IF Gain (Figure 5)
5, 8
39
dB
Input Impedance
5
1.4
k
Output Impedance
8
290


Número de pieza similar - MC13156FB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
MC13156FB LANSDALE-MC13156FB Datasheet
3Mb / 21P
   Wideband FM IF System
MC13156FB LANSDALE-MC13156FB Datasheet
2Mb / 21P
    Wideband FM IF System
More results

Descripción similar - MC13156FB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com