Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ015EZ5MZP Datasheet(PDF) 5 Page - Sharp Electrionic Components

No. de Pieza. PQ015EZ5MZP
Descripción  SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ015EZ5MZP Datasheet(HTML) 5 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Low Power-Loss Voltage Regulators
PQxxxEZ5MZ Series/PQxxxEZ01Z Series
Fig.11 Overcurrent Protection
Characteristics (PQ025EZ01Z)
Fig.12 Overcurrent Protection
Characteristics (PQ030EZ01Z)
Fig.13 Overcurrent Protection
Characteristics (PQ033EZ01Z)
Fig.14 Output Voltage vs. Ambient Temperature
(PQ015EZ5MZ/PQ015EZ01Z)
Fig.15 Output Voltage vs. Ambient Temperature
(PQ018EZ5MZ/PQ018EZ01Z)
Fig.16 Output Voltage vs. Ambient Temperature
(PQ025EZ5MZ/PQ025EZ01Z)
Output current IO (A)
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
VIN=3V
VIN=3.3V
VIN=3.6V
VIN=5V
VIN=4.5V
Output current IO (A)
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
VIN=10V
VIN=7V
VIN=5.5V
VIN=5V
VIN=4.5V
Output current IO (A)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
VIN=10V
VIN=7V
VIN=5.5V
VIN=5V
VIN=4.5V
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
1.54
1.55
−50
−25
0
25
50
75
100
125
Ambient temperature Ta (°C)
VIN=2.5V
VC=2.7V
PQ015EZ01Z:IO=0.5A
PQ015EZ5MZ:IO=0.3A
1.75
1.76
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
1.85
−50
−25
0
25
50
75
100
125
Ambient temperature Ta (°C)
VIN=2.8V
VC=2.7V
PQ018EZ01Z:IO=0.5A
PQ018EZ5MZ:IO=0.3A
2.475
2.48
2.485
2.49
2.495
2.5
2.505
2.51
2.515
2.52
2.525
−50
−25
0
25
50
75
100
125
Ambient temperature Ta (°C)
VIN=3.5V
VC=2.7V
PQ025EZ01Z:IO=0.5A
PQ025EZ5MZ:IO=0.3A


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn