Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4507DF Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza BU4507DF
Descripción Electrónicos  Silicon Diffused Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4507DF Datasheet(HTML) 1 Page - NXP Semiconductors

  BU4507DF Datasheet HTML 1Page - NXP Semiconductors BU4507DF Datasheet HTML 2Page - NXP Semiconductors BU4507DF Datasheet HTML 3Page - NXP Semiconductors BU4507DF Datasheet HTML 4Page - NXP Semiconductors BU4507DF Datasheet HTML 5Page - NXP Semiconductors BU4507DF Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4507DF
GENERAL DESCRIPTION
Enhanced performance, new generation, high-voltage, high-speed switching npn transistor in a plastic full-pack
envelope with an integrated damper diode intended for use in horizontal deflection circuits of colour television
receivers and computer monitors. Features exceptional tolerance to base drive and collector current load variations
resulting in a very low worst case dissipation.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
800
V
I
C
Collector current (DC)
-
8
A
I
CM
Collector current peak value
-
15
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
45
W
V
CEsat
Collector-emitter saturation voltage
I
C = 4 A; IB = 1.0 A
-
3.0
V
I
Csat
Collector saturation current
f = 16kHz
4
-
A
V
F
Diode forward voltage
I
F = 4 A
1.7
2.1
V
t
f
Fall time
I
Csat = 4 A; f = 16kHz
300
400
ns
PINNING - SOT199
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
800
V
I
C
Collector current (DC)
-
8
A
I
CM
Collector current peak value
-
15
A
I
B
Base current (DC)
-
4
A
I
BM
Base current peak value
-
6
A
-I
BM
Reverse base current peak value
1
-5
A
P
tot
Total power dissipation
T
hs
25 ˚C
-
45
W
T
stg
Storage temperature
-65
150
˚C
T
j
Junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-hs
Junction to heatsink
with heatsink compound
-
2.8
K/W
R
th j-a
Junction to ambient
in free air
35
-
K/W
12
3
case
b
c
e
Rbe
1 Turn-off current.
January 1999
1
Rev 1.000


Número de pieza similar - BU4507DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BU4507DX PHILIPS-BU4507DX Datasheet
56Kb / 6P
   Silicon Diffused Power Transistor
January 1999 Rev 1.000
BU4507DZ PHILIPS-BU4507DZ Datasheet
54Kb / 6P
   Silicon Diffused Power Transistor
January 1999 Rev 1.000
More results

Descripción similar - BU4507DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com