Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7F3704 Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF7F3704
Descripción Electrónicos  HEXFET짰 POWER MOSFET THRU-HOLE (TO-39) 20V, N-CHANNEL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7F3704 Datasheet(HTML) 2 Page - International Rectifier

  IRF7F3704 Datasheet HTML 1Page - International Rectifier IRF7F3704 Datasheet HTML 2Page - International Rectifier IRF7F3704 Datasheet HTML 3Page - International Rectifier IRF7F3704 Datasheet HTML 4Page - International Rectifier IRF7F3704 Datasheet HTML 5Page - International Rectifier IRF7F3704 Datasheet HTML 6Page - International Rectifier IRF7F3704 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF7F3704
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
20
V
VGS = 0V, ID = 250µA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown —
0.024
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.035
VGS = 10V, ID = 12A
Resistance
0.04
VGS = 4.5V, ID = 12A
VGS(th)
Gate Threshold Voltage
1.0
3.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
20
S ( )VDS =10V, IDS = 12A Ã
IDSS
Zero Gate Voltage Drain Current
20
VDS = 20V ,VGS=0V
100
VDS = 16V,
VGS = 0V, TJ =125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 16V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -16V
Qg
Total Gate Charge
19
VGS =4.5V, ID = 12A
Qgs
Gate-to-Source Charge
8.0
nC
VDS = 10V
Qgd
Gate-to-Drain (‘Miller’) Charge
6.0
td(on)
Turn-On Delay Time
30
VDD = 10V, ID = 12A,
tr
Rise Time
175
VGS = 4.5V, RG = 1.8Ω
td(off)
Turn-Off Delay Time
175
tf
Fall Time
100
LS + LD
Total Inductance
7.0
Measured from drain lead (6mm/
l
0.25in. from package) to source
lead (6mm/0.25in. from package)
Ciss
Input Capacitance
1860
VGS = 0V, VDS = 10V
Coss
Output Capacitance
990
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
55
nA
Ã
nH
ns
µA
Note: Corresponding Spice and Saber models are available on International Rectifier Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
12*
ISM
Pulse Source Current (Body Diode)
À
——
48
VSD Diode Forward Voltage
1.3
V
Tj = 25°C, IS = 12A, VGS = 0V Ã
trr
Reverse Recovery Time
57
ns
Tj = 25°C, IF = 12A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
60
nC
VDD ≤ 16V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
* Current is limited by package
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction-to-Case
6.25
RthJA
Junction-to-Ambient
175
Typical socket mount
°C/W


Número de pieza similar - IRF7F3704

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7F3704 IRF-IRF7F3704 Datasheet
182Kb / 7P
   Avalanche Energy Ratings
IRF7F3704 IRF-IRF7F3704_15 Datasheet
182Kb / 7P
   Avalanche Energy Ratings
More results

Descripción similar - IRF7F3704

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF5M3205SCV IRF-IRF5M3205SCV Datasheet
115Kb / 7P
   HEXFET짰 POWER MOSFET THRU-HOLE (TO-254AA)
IRF7Y1405CM IRF-IRF7Y1405CM Datasheet
100Kb / 7P
   HEXFET짰 POWER MOSFET THRU-HOLE (TO-257AA)
IRHF57230SE IRF-IRHF57230SE Datasheet
137Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-39)
IRHF57234SE IRF-IRHF57234SE Datasheet
186Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF7430SE IRF-IRHF7430SE Datasheet
189Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57214SE IRF-IRHF57214SE Datasheet
213Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597230 IRF-IRHF597230 Datasheet
124Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57034 IRF-IRHF57034 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF67230 IRF-IRHF67230 Datasheet
209Kb / 9P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF4130 IRF-IRHF4130 Datasheet
283Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com