Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

8324 Datasheet(PDF) 1 Page - Filtran LTD

No. de Pieza. 8324
Descripción  RJ-45/USB 10/100 BASE-T Module with Dual USB
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FILTRAN [Filtran LTD]
Página de inicio  http://www.filtran.com
Logo 

8324 Datasheet(HTML) 1 Page - Filtran LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RJ-45/USB
• Complies with IEEE standards and all 10/100 Ethernet specifications
including 350µH with 8mA DC bias
• Various turns ratio options available
• Integrated Mag-modular design provides higher reliability and conserves
minimizing PCB space
• Various LED options available
• Single port shield RJ-45 with dual USB
• Operating temperature: -40°C to +85°C
10/100 BASE-T Module
with Dual USB
8324-8326
ELECTRICAL SPECIFICATION @ 25˚C
Mechanical and Schematic (All dimensions in inches)
Transmitter Filter
Receiver Filter
Insertion Loss
Return Loss
Insertion Loss
Return Loss
dB MAX
dB MIN (load 100
Ω)
dB MAX
dB MIN (load 100
Ω)
1-100 MHz
1-30 MHz
30-60 MHz
60-80 MHz
1-100 MHz
1-30 MHz
30-60 MHz
60-80 MHz
-1.0
-20
-15
-11
-1.0
-20
-17
-15
• Common Mode Rejection @1-100 MHz : -30dB MIN
• Crosstalk @1-100 MHz : -30dB MIN
• Primary Inductance @100kHz, 0.1Vrms, 8mA DC Bias (2-3), (4-5): 350µH MIN
•Hipot:
Input(2-3) to Output(1-2): 1500Vrms, 1.0mA, 1sec
Input(4-5) to Output(3-6): 1500Vrms, 1.0mA, 1sec
PCB LAYOUT
(component side view)
SCHEMATIC
Part
Description
Number
LED-L
LED-R
8324
Yellow
Green
8325
Green
Yellow
8326
Green
Green
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com


Html Pages

1 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn