Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

8405-XXX Datasheet(PDF) 1 Page - Filtran LTD

No. de Pieza. 8405-XXX
Descripción  Inductors Surface Mount Drum Core Power Inductors
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FILTRAN [Filtran LTD]
Página de inicio  http://www.filtran.com
Logo 

8405-XXX Datasheet(HTML) 1 Page - Filtran LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number
Inductance
(µH ±20%)
DCR
"
(Ω MAX)
Isat
2
(A)
Icont
3
(A)
8405-10G
1.0
0.009
9.00
6.80
8405-15G
1.5
0.010
8.00
6.40
8405-22G
2.2
0.012
7.00
6.10
8405-33G
3.3
0.015
6.40
5.40
8405-47G
4.7
0.018
5.40
4.80
8405-68G
6.8
0.027
4.60
4.40
8405-100
10.0
0.038
3.80
3.90
8405-150
15.0
0.046
3.00
3.10
8405-220
22.0
0.085
2.60
2.70
8405-330
33.0
0.100
2.00
2.10
8405-470
47.0
0.140
1.60
1.80
8405-680
68.0
0.200
1.40
1.50
8405-101
100.0
0.280
1.20
1.30
8405-151
150.0
0.400
1.00
1.00
8405-221
220.0
0.610
0.80
0.80
8405-331
330.0
1.020
0.60
0.60
8405-471
470.0
1.270
0.50
0.50
8405-681
680.0
2.020
0.40
0.40
8405-102
1000.0
3.000
0.30
0.30
SUGGESTED PAD LAYOUT
SCHEMATIC
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Inductors
An ISO 9001 Registered Company
• Designed for use in DC-DC converters where high energy storage
combined with low DCR is a requirement
• Suitable for auto assembly and compatible with reflow process to 240°C
• Useful in battery-powered and low voltage converters
• Rugged design features with an extended operating temperature range of
-40°C to +85°C
Surface Mount
Drum Core Power Inductors
8405-XXX
MECHANICAL AND SCHEMATIC (All dimensions in inches)
ELECTRICAL SPECIFICATIONS @ 25˚C
NOTES:
1. Tested at 100 kHz, 0.1 Vrms.
2. Inductance drop = 10% typ. At rated Isat.
3.
∆T= 40°C rise typ. At Irms.


Html Pages

1 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn