Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4816MT Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM4816MT
Descripción Electrónicos  1W Stereo Audio Amplifier Adjustable Output Limiter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4816MT Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4816MT Datasheet HTML 1Page - National Semiconductor (TI) LM4816MT Datasheet HTML 2Page - National Semiconductor (TI) LM4816MT Datasheet HTML 3Page - National Semiconductor (TI) LM4816MT Datasheet HTML 4Page - National Semiconductor (TI) LM4816MT Datasheet HTML 5Page - National Semiconductor (TI) LM4816MT Datasheet HTML 6Page - National Semiconductor (TI) LM4816MT Datasheet HTML 7Page - National Semiconductor (TI) LM4816MT Datasheet HTML 8Page - National Semiconductor (TI) LM4816MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Note 3: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 4: Machine model, 220pF–240pF discharged through all pins.
Note 5: All voltages are measured with respect to the ground (GND) pins unless otherwise specified.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 8: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
Note 9: Output power is measured at the device terminals.
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Output Power
20033267
V
DD = 5V, RL =8
Ω,P
OUT = 150mW
20033299
V
DD = 5V, RL =8
Ω,f
IN = 1kHz
THD+N vs Frequency
THD+N vs Output Power
20033265
V
DD = 3V, RL =8
Ω,P
OUT = 150mW
20033268
V
DD = 3V, RL =8
Ω,f
IN = 1kHz
www.national.com
4


Número de pieza similar - LM4816MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
Texas Instruments
LM4810 TI-LM4810 Datasheet
1Mb / 25P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100Q TI-LM48100Q Datasheet
949Kb / 24P
[Old version datasheet]   LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
LM48100Q-Q1 TI1-LM48100Q-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier
More results

Descripción similar - LM4816MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4817 NSC-LM4817 Datasheet
738Kb / 21P
   1W Stereo Audio Amplifier Plus Adjustable Output Limiter Plus Adjustable LDO
LM4801 NSC-LM4801 Datasheet
725Kb / 20P
   1W Stereo Audio Amplifier Plus Adjustable LDO
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
   1W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
STMicroelectronics
TS4998 STMICROELECTRONICS-TS4998 Datasheet
479Kb / 33P
   2 x 1W differential input stereo audio amplifier
logo
Rohm
BH7884EFV ROHM-BH7884EFV_10 Datasheet
364Kb / 11P
   1W1W Stereo Speaker / Headphone Amplifier
BH7884EFV ROHM-BH7884EFV_05 Datasheet
550Kb / 9P
   1W1W Stereo Speaker / Headphone Amplifier
logo
AMIC Technology
AP130 AMICC-AP130 Datasheet
92Kb / 8P
   1W Per Channel Stereo Class-D Audio Power Amplifier
logo
ARTSCHIP ELECTRONICS CO...
MMBT9013 ARTSCHIP-MMBT9013 Datasheet
722Kb / 4P
   1W OUTPUT AMPLIFIER
MMBT9012 ARTSCHIP-MMBT9012 Datasheet
1Mb / 4P
   1W OUTPUT AMPLIFIER
logo
Aplus Intergrated Circu...
AP4890B APLUS-AP4890B Datasheet
325Kb / 15P
   1W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com