Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

8624 Datasheet(PDF) 1 Page - Filtran LTD

No. de Pieza. 8624
Descripción  T1/CEPT Quad Port SMT Transformer Module with IC Side Protection
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FILTRAN [Filtran LTD]
Página de inicio  http://www.filtran.com
Logo 

8624 Datasheet(HTML) 1 Page - Filtran LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SPECIFICATION @ 25˚C
T1/CEPT
• Low profile package contains eight transformers.
• IC Side Protection Circuit subdue low voltage transients
• Compatible with PMC-Sierra’s Comet chip (PM4354)
• Operating temperature range 0°C to + 70°C
• 1500 Vrms isolation
SUGGESTED PAD LAYOUT
1.130 Max
0.950
0.480
0.050
40 x 0.030
0.950
0.010±0.005
0.300 MAX
0.047 Typ
V
G
G
V
V
G
V
G
1
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
11
10
31
21
22
23
24
25
26
27
28
29
30
40
39
38
37
36
35
34
33
32
40 x 0.090
0.510 Max
0.050±0.010
0.620
CO-PLANARITY
±0.002
0.018x0.010±0.002
8624
FD/C
PRI
SEC
UNLESS OTHERWISE SPECIFIED, ALL TOLERANCES ARE ±0.015
SCHEMATIC
Quad Port SMT
Transformer Module with IC Side Protection
8624
MECHANICAL AND SCHEMATIC (All dimensions in inches)
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Return Loss
(dB)
50-100 kHz
100 kHz - 2 MHz
2-3 MHz
Part
Number
Turns Ratio
(Pri:Sec ±5%)
OCL
(mH Min)
L L
(µH Max)
TX
RX
TX
RX
TX
RX
C W/W
(pF Max)
8624
1:2.42
0.6
0.6
9
12
15
18
11
14
35


Html Pages

1 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn