Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BD7904FS Datasheet(Hoja de datos) 2 Page - Rohm

No. de Pieza. BD7904FS
Descripción  5ch Power Driver for CD-ROM, DVD-ROM
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

 
 2 page
background image
BD7904FS
Optical disc ICs
2/18
!
!
!
!
Recommended operating conditions (Ta=25
°C)
(Set the power supply voltage taking allowable dissipation into considering)
Parameter
Symbol
Max.
Typ.
Min.
Unit
SPVM1, 2
SLRNF
VCC∗3
SLVDD∗3
V
V
SLVDD, VCC
VCC
AVM
14
12
AVM
5.0
4.3
V
V
DVCC
2.5∗4
Iosp
6.0
5.0
4.3
1.0
V
A
0.8
Ioo
0.5
A
POWER MOS Power supply voltage 1
POWER MOS Power supply voltage 2
Preblock Power supply voltage
Power block Power supply voltage
PWM control block, REG Power supply voltage
Spindle output current
SL/FO/TR/LO output current
∗3 Set the same supply voltage to VCC and SPVM1, 2 to SLVDD and SLRNF.
∗4 The current is guaranteed 3.0A in case of the current is turned on/off in a duty-ratio of
less than 1/10 with a maximum on-time of 5msec.
!
!
!
!
Block diagram
1
14
15
16
17
18
19
20
21
22
23
24
25
26
27
2
3
10
9
12
13
11
6
4
5
7
8
54
41
40
39
38
37
36
35
34
33
32
31
30
29
28
53
52
45
46
43
42
44
49
51
50
48
47
FF
Current
LIMIT
HALL
BIAS
FG
REVERSE
DETECT
Current
COMP
OSC
Polarity
COMP
PWM
OUT
LIMIT
PRE
LOGIC
FF
OSC
LEVEL
SHIFT
STBY/
BRAKE
CONTROL
LEVEL
SHIFT
LEVEL
SHIFT
TSD
3-phase
MATRIX
VC
BG
(1.3V)
+
+
+
FG
+
+




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AN44A high power LED driver for low voltage halogen replacement 1 2 3 4 5 MoreZetex Semiconductors
2ED020I12-FDual IGBT Driver IC for eupec Low and Medium Power IGBT Modules 1 2 3 4 5 Moreeupec GmbH
NCP3418BMOSFET Driver with Dual Outputs for Synchronous Buck Converters 1 2 3 4 5 MoreON Semiconductor
UPB8284ACLOCK GENERATOR AND DRIVER FOR 8086/8088 MICROPROCESSORS 1 2 3 4 5 MoreNEC
CC1021Single Chip Low Power RF Transceiver for Narrowband Systems 1 2 3 4 5 MoreTI store
NCP3488MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1 2 3 4 5 MoreON Semiconductor
VLA503-01RDRIVER FOR IGBT MODULES 1 2 3 4 5 MoreIsahaya Electronics Corporation
S-AU83LFM RF POWER AMPLIFIER MODULE for UHF BAND 1 2 3 4 Toshiba Semiconductor
MJD44E3Darlington Power Transistor DPAK For Surface Mount Applications 10 AMPERES 80 VOLTS 20 WATTS 1 2 3 ON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl