Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS74812DRCR Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS74812DRCR
Descripción Electrónicos  1.5A LDO Linear Regulator with Programmable Soft-Start
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS74812DRCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS74812DRCR Datasheet HTML 7Page - Texas Instruments TPS74812DRCR Datasheet HTML 8Page - Texas Instruments TPS74812DRCR Datasheet HTML 9Page - Texas Instruments TPS74812DRCR Datasheet HTML 10Page - Texas Instruments TPS74812DRCR Datasheet HTML 11Page - Texas Instruments TPS74812DRCR Datasheet HTML 12Page - Texas Instruments TPS74812DRCR Datasheet HTML 13Page - Texas Instruments TPS74812DRCR Datasheet HTML 14Page - Texas Instruments TPS74812DRCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
DROPOUT VOLTAGE
Reference
SimplifiedBlock Diagram
V
OUT
OUT
BIAS
FB
IN
V
IN
V
=3.3V 5%
BIAS
±
V
=3.3V
5V
V
=1.5V
I
=1.5A
Efficiency=45%
IN
OUT
OUT
±
C
OUT
PROGRAMMABLE SOFT-START
Reference
SimplifiedBlock Diagram
V
OUT
OUT
BIAS
FB
IN
V
=5V 5%
BIAS
±
V
=1.8V
V
=1.5V
I
=1.5A
Efficiency=83%
IN
OUT
OUT
C
OUT
t
=
SS
(V
C
)
´
REF
SS
I
SS
(1)
t
=
SSCL
(V
C
)
´
OUT(NOM)
OUT
I
CL(MIN)
(2)
TPS74801
SBVS074 – JANUARY 2007
The TPS74801 offers very low dropout performance,
making it well-suited for high-current, low VIN/low
VOUT applications. The low dropout of the TPS74801
allows the device to be used in place of a DC/DC
converter and still achieve good efficiency. This
provides designers with the power architecture for
their application to achieve the smallest, simplest,
and lowest cost solution.
There are two different specifications for dropout
voltage with the TPS74801. The first specification
(shown in Figure 26) is referred to as VIN Dropout
and is used when an external bias voltage is applied
to achieve low dropout. This specification assumes
that VBIAS is at least 1.56V above VOUT, which is the
Figure 27. Typical Application of the TPS74801
case for VBIAS when powered by a 3.3V rail with 5%
Without an Auxiliary Bias Rail
tolerance and with VOUT = 1.5V. If VBIAS is less than
VOUT +1.56V, VIN dropout is less than specified.
The TPS74801 features a programmable, monotonic,
voltage-controlled soft-start that is set with an
external capacitor (CSS). This feature is important for
many applications because it eliminates power-up
initialization problems when powering FPGAs, DSPs,
or other processors. The controlled voltage ramp of
the output also reduces peak inrush current during
start-up, minimizing start-up transient events to the
input power bus.
To achieve a linear and monotonic soft-start, the
TPS74801 error amplifier tracks the voltage ramp of
the external soft-start capacitor until the voltage
exceeds the internal reference. The soft-start ramp
Figure 26. Typical Application of the TPS74801
time is dependant on the soft-start charging current
Using an Auxiliary Bias Rail
(ISS), soft-start capacitance (CSS), and the internal
reference voltage (VREF), and can be calculated
The second specification (shown in Figure 27) is
using Equation 1:
referred
to
as
VBIAS Dropout and applies to
applications where IN and BIAS are tied together.
This option allows the device to be used in
applications where an auxiliary bias voltage is not
If large output capacitors are used, the device
available or low dropout is not required. Dropout is
current limit (ICL) and the output capacitor may set
limited by BIAS in these applications because VBIAS
the start-up time. In this case, the start-up time is
provides the gate drive to the pass FET; therefore,
given by Equation 2:
VBIAS must be 1.56V above VOUT.
where:
VOUT(NOM) is the nominal output voltage,
COUT is the output capacitance, and
ICL(MIN) is the minimum current limit for the
device.
In applications where monotonic startup is required,
the soft-start time given by Equation 1 should be set
greater than Equation 2.
11
Submit Documentation Feedback


Número de pieza similar - TPS74812DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS748 TI-TPS748 Datasheet
3Mb / 47P
[Old version datasheet]   TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74801 TI-TPS74801 Datasheet
149Kb / 8P
[Old version datasheet]   Simple Power Solution Using LDOs
TPS74801 TI-TPS74801 Datasheet
3Mb / 45P
[Old version datasheet]   TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
TPS74801 TI1-TPS74801 Datasheet
3Mb / 45P
[Old version datasheet]   TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
More results

Descripción similar - TPS74812DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
National Semiconductor ...
LP38858 NSC-LP38858 Datasheet
364Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
logo
Texas Instruments
LP38858 TI-LP38858_15 Datasheet
2Mb / 21P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
logo
National Semiconductor ...
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com