Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS74815DRCR Datasheet(PDF) 11 Page - Texas Instruments |
|
TPS74815DRCR Datasheet(HTML) 11 Page - Texas Instruments |
11 / 19 page www.ti.com DROPOUT VOLTAGE Reference SimplifiedBlock Diagram V OUT OUT BIAS FB IN V IN V =3.3V 5% BIAS ± V =3.3V 5V V =1.5V I =1.5A Efficiency=45% IN OUT OUT ± C OUT PROGRAMMABLE SOFT-START Reference SimplifiedBlock Diagram V OUT OUT BIAS FB IN V =5V 5% BIAS ± V =1.8V V =1.5V I =1.5A Efficiency=83% IN OUT OUT C OUT t = SS (V C ) ´ REF SS I SS (1) t = SSCL (V C ) ´ OUT(NOM) OUT I CL(MIN) (2) TPS74801 SBVS074 – JANUARY 2007 The TPS74801 offers very low dropout performance, making it well-suited for high-current, low VIN/low VOUT applications. The low dropout of the TPS74801 allows the device to be used in place of a DC/DC converter and still achieve good efficiency. This provides designers with the power architecture for their application to achieve the smallest, simplest, and lowest cost solution. There are two different specifications for dropout voltage with the TPS74801. The first specification (shown in Figure 26) is referred to as VIN Dropout and is used when an external bias voltage is applied to achieve low dropout. This specification assumes that VBIAS is at least 1.56V above VOUT, which is the Figure 27. Typical Application of the TPS74801 case for VBIAS when powered by a 3.3V rail with 5% Without an Auxiliary Bias Rail tolerance and with VOUT = 1.5V. If VBIAS is less than VOUT +1.56V, VIN dropout is less than specified. The TPS74801 features a programmable, monotonic, voltage-controlled soft-start that is set with an external capacitor (CSS). This feature is important for many applications because it eliminates power-up initialization problems when powering FPGAs, DSPs, or other processors. The controlled voltage ramp of the output also reduces peak inrush current during start-up, minimizing start-up transient events to the input power bus. To achieve a linear and monotonic soft-start, the TPS74801 error amplifier tracks the voltage ramp of the external soft-start capacitor until the voltage exceeds the internal reference. The soft-start ramp Figure 26. Typical Application of the TPS74801 time is dependant on the soft-start charging current Using an Auxiliary Bias Rail (ISS), soft-start capacitance (CSS), and the internal reference voltage (VREF), and can be calculated The second specification (shown in Figure 27) is using Equation 1: referred to as VBIAS Dropout and applies to applications where IN and BIAS are tied together. This option allows the device to be used in applications where an auxiliary bias voltage is not If large output capacitors are used, the device available or low dropout is not required. Dropout is current limit (ICL) and the output capacitor may set limited by BIAS in these applications because VBIAS the start-up time. In this case, the start-up time is provides the gate drive to the pass FET; therefore, given by Equation 2: VBIAS must be 1.56V above VOUT. where: VOUT(NOM) is the nominal output voltage, COUT is the output capacitance, and ICL(MIN) is the minimum current limit for the device. In applications where monotonic startup is required, the soft-start time given by Equation 1 should be set greater than Equation 2. 11 Submit Documentation Feedback |
Número de pieza similar - TPS74815DRCR |
|
Descripción similar - TPS74815DRCR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |