Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

W83194BR-645 Datasheet(PDF) 2 Page - Winbond

No. de pieza W83194BR-645
Descripción Electrónicos  CLOCK GENERATOR FOR SIS 645/650 CHIPSET
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINBOND [Winbond]
Página de inicio  http://www.winbond.com
Logo WINBOND - Winbond

W83194BR-645 Datasheet(HTML) 2 Page - Winbond

  W83194BR-645 Datasheet HTML 1Page - Winbond W83194BR-645 Datasheet HTML 2Page - Winbond W83194BR-645 Datasheet HTML 3Page - Winbond W83194BR-645 Datasheet HTML 4Page - Winbond W83194BR-645 Datasheet HTML 5Page - Winbond W83194BR-645 Datasheet HTML 6Page - Winbond W83194BR-645 Datasheet HTML 7Page - Winbond W83194BR-645 Datasheet HTML 8Page - Winbond W83194BR-645 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
W83194BR-645
- II -
Table of Contents-
1.
GENERAL DESCRIPTION ..........................................................................................................1
2.
FEATURES ..................................................................................................................................1
3.
PIN CONFIGURATION ................................................................................................................2
4.
BLOCK DIAGRAM .......................................................................................................................2
5.
PIN DESCRIPTION......................................................................................................................3
5.1
Crystal I/O ........................................................................................................................3
5.2
CPU, ZCLK, SDRAM, PCI Clock Outputs .......................................................................3
5.3
I2C Control Interface........................................................................................................4
5.4
Fixed Frequency Outputs ................................................................................................4
5.5
Power Management Pins.................................................................................................5
5.6
Power Pins.......................................................................................................................5
6.
FREQUENCY SELECTION BY HARDWARE OR SOFTWARE .................................................7
7.
I
2C CONTROL AND STATUS REGISTERS................................................................................9
7.1
Register 4: Frequency Select Register (default = 0) .......................................................9
7.2
Register 5: CPU, SDRAM Clock Register (1 = Enable, 0 = Stopped).............................9
7.3
Register 6 PCI Clock Register (1 = Enable, 0 = Stopped) ............................................11
7.4
Register 7 48 MHz, ZCLK, REF Clock Register (1 = Enable, 0 = Stopped)..................11
7.5
Register 8: AGP Control Register (1 = Enable, 0 = Stopped) .......................................11
7.6
Register 9: Watchdog Control Register .........................................................................13
7.7
Register 10: Watchdog Timer Register .........................................................................13
7.8
Register 11: M/N Program Register...............................................................................14
7.9
Register 12: M/N Program Register...............................................................................14
7.10
Register 13: Spread Spectrum Programming Register .................................................14
7.11
Register 14: Divisor and Step-less Enable Control Register.........................................15
7.12
Register 15: CPU_ZCLK Skew Control Register...........................................................15
7.13
Register 16: CPU_AGP_SKEW.....................................................................................15
7.14
Register 17: Skew Control Register...............................................................................16
7.15
Register 18: Winbond Chip ID Register (Read Only) ....................................................16
7.16
Register 19: Winbond Chip ID Register (Read Only) ....................................................16
7.17
Ratio Selection Table.....................................................................................................17
8.
ACCESS INTERFACE ...............................................................................................................19
8.1
Block Write Protocol ......................................................................................................19
8.2
Block Read Protocol ......................................................................................................19
8.3
Byte Write Protocol ........................................................................................................19
8.4
Byte Read Protocol........................................................................................................19
9.
ORDERING INFORMATION......................................................................................................20
10.
HOW TO READ THE TOP MARKING.......................................................................................20
11.
PACKAGE DRAWING AND DIMENSIONS...............................................................................21
12.
REVISION HISTORY .................................................................................................................22


Número de pieza similar - W83194BR-645

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winbond
W83194BR-640 WINBOND-W83194BR-640 Datasheet
1Mb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
   CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
More results

Descripción similar - W83194BR-645

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winbond
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
   CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
W83194BR-730 WINBOND-W83194BR-730 Datasheet
113Kb / 14P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-81 WINBOND-W83194R-81 Datasheet
231Kb / 18P
   100MHZ CLOCK FOR SIS CHIPSET
W83194R-630A WINBOND-W83194R-630A Datasheet
159Kb / 11P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-630 WINBOND-W83194R-630_07 Datasheet
217Kb / 15P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-730 WINBOND-W83194BR-730_05 Datasheet
212Kb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-640 WINBOND-W83194BR-640 Datasheet
1Mb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-703 WINBOND-W83194BR-703 Datasheet
741Kb / 28P
   STEPLESS CLOCK FOR SIS 741 CHIPSET
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
W83194R-17 WINBOND-W83194R-17 Datasheet
272Kb / 21P
   100MHZ AGP CLOCK FOR SIS CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com