Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CAT13008 Datasheet(PDF) 3 Page - Catalyst Semiconductor

No. de Pieza. CAT13008
Descripción  Voltage Supervisor with Microwire Serial CMOS EEPROM
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo 

CAT13008 Datasheet(HTML) 3 Page - Catalyst Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT130xx
© 2007 Catalyst Semiconductor, Inc.
3
Doc. No. 1121 Rev. A
Characteristics subject to change without notice
A.C. CHARACTERISTICS (MEMORY)
(1)
VCC = +2.5V to 5.5V, TA = -40°C to 85°C, unless otherwise specified.
Symbol
Parameter
Min
Max
Units
fSK
Clock Frequency
DC
2000
kHz
tCSS
CS Setup Time
50
ns
tCSH
CS Hold Time
0
ns
tCSMIN
Minimum CS Low Time
0.25
µs
tSKHI
Minimum SK High Time
0.25
µs
tSKLOW
Minimum SK Low Time
0.25
µs
tDIS
DI Setup Time
100
ns
tDIH
DI Hold Time
100
ns
tPD1
Output Delay to 1
0.25
µs
tPD0
Output Delay to 0
0.25
µs
tHZ
(1)
Output Delay to High-Z
100
ns
tSV
Output Delay to Status Valid
0.25
µs
tEW
Program/Erase Pulse Width
5
ms
tPU
(2), (3)
Power-up to Ready Mode
1
ms
Notes:
(1) Test conditions according to “A.C. Test Conditions” table.
(2) Tested initially and after a design or process change that affects this parameter.
(3) tPU is the delay between the time VCC is stable and the device is ready to accept commands.
A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 50 ns
Input Levels
0.4V to 2.4V (4.5V < VCC < 5.5V)
Input Levels
0.2VCC to 0.7VCC (2.5V < VCC < 4.5V)
Timing Reference Levels
0.8V, 2.0V (4.5V < VCC < 5.5V)
Timing Reference Levels
0.5VCC (2.5V < VCC < 4.5V)
Output Load
Current Source: IOL max / IOH max; CL = 100pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn