Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CAT13008 Datasheet(PDF) 2 Page - Catalyst Semiconductor

No. de Pieza. CAT13008
Descripción  Voltage Supervisor with Microwire Serial CMOS EEPROM
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo 

CAT13008 Datasheet(HTML) 2 Page - Catalyst Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT130xx
© 2007 Catalyst Semiconductor, Inc.
2
Doc. No. 1121 Rev. A
Characteristics subject to change without notice
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Storage Temperature
-65 to +150
°C
Voltage on Any Pin with Respect to Ground
(2)
-0.5 to +6.5
V
RELIABILITY CHARACTERISTICS
(3)
Symbol Parameter
Min
Units
NEND
(4)
Endurance
1,000,000
Program/ Erase Cycles
TDR
Data Retention
100
Years
D.C. OPERATING CHARACTERISTICS
VCC = +2.5V to +5.5V unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Test Condition
Units
ICC
Supply Current
3
Read or Write at 1MHz
mA
12
25
VCC < 5.5V; All I/O Pins at VSS or VCC
ISB
Standby Current
10
20
VCC < 3.6V; All I/O Pins at VSS or VCC
μA
IL
I/O Pin Leakage
2
Pin at GND or VCC
μA
VIL
Input Low Voltage
-0.5
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
VOL
Output Low Voltage
0.4
VCC 2.5V, IOL = 2.1mA
V
VOH
Output High Voltage
2.4
VCC 4.5V, IOH = -0.4mA
V
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The DC input voltage on any pin should not be lower than -0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than -1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
(3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.
(4) Block Mode, VCC = 5 V, 25°C
DO
EEPROM
ORG
CS
SK
DI
VCC
VOLTAGE
DETECTOR
RST or RST
VSS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn