Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CAT14004 Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de Pieza. CAT14004
Descripción  Voltage Supervisor with I2C Serial CMOS EEPROM
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo 

CAT14004 Datasheet(HTML) 4 Page - Catalyst Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT140xx
Doc. No. 1117 Rev. A
4
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ELECTRICAL CHARACTERISTICS (SUPERVISORY FUNCTION)
VCC = Full range, TA = -40ºC to +85ºC unless otherwise noted. Typical values at TA = +25ºC and VCC = 5V for
L/M/J versions, VCC = 3.3V for T/S versions, VCC = 3V for R version and VCC = 2.5V for Z version.
Symbol
Parameter
Threshold
Conditions
Min
Typ
Max
Units
TA = +25ºC
4.56
4.63
4.70
L
TA = -40ºC to +85ºC
4.50
4.75
TA = +25ºC
4.31
4.38
4.45
M
TA = -40ºC to +85ºC
4.25
4.50
TA = +25ºC
3.93
4.00
4.06
J
TA = -40ºC to +85ºC
3.89
4.10
TA = +25ºC
3.04
3.08
3.11
T
TA = -40ºC to +85ºC
3.00
3.15
TA = +25ºC
2.89
2.93
2.96
S
TA = -40ºC to +85ºC
2.85
3.00
TA = +25ºC
2.59
2.63
2.66
R
TA = -40ºC to +85ºC
2.55
2.70
TA = +25ºC
2.28
2.32
2.35
VTH
Reset Threshold Voltage
Z
TA = -40ºC to +85ºC
2.25
2.38
V
Symbol Parameter
Conditions
Min
Typ
(1)
Max
Units
Reset Threshold Tempco
30
ppm/ºC
tRPD
VCC to Reset Delay
(2)
VCC = VTH to (VTH -100mV)
20
µs
tPURST
Reset Active Timeout Period
TA = -40ºC to +85ºC
140
240
460
ms
VCC = VTH min, ISINK = 1.2 mA
R/S/T/Z
0.3
VCC = VTH min, ISINK = 3.2 mA
J/L/M
0.4
VOL
RESET
¯¯¯¯¯¯ Output Voltage Low
(Push-pull, active LOW,
CAT140xx9)
VCC > 1.0V, ISINK = 50µA
0.3
V
VCC = VTH max, ISOURCE = -500µA
R/S/T/Z
0.8VCC
VOH
RESET
¯¯¯¯¯¯ Output Voltage High
(Push-pull, active LOW,
CAT140xx9)
VCC = VTH max, ISOURCE = -800µA
J/L/M
VCC - 1.5
V
VCC > VTH max, ISINK = 1.2mA
R/S/T/Z
0.3
VOL
RESET Output Voltage Low
(Push-pull, active HIGH,
CAT140xx1)
VCC > VTH max, ISINK = 3.2mA
J/L/M
0.4
V
VOH
RESET Output Voltage High
(Push-pull, active HIGH,
CAT140xx1)
1.8V < VCC ≤ VTH min,
ISOURCE = -150µA
0.8VCC
V
Notes
:
(1) Production testing done at TA = +25ºC; limits over temperature guaranteed by design only.
(2)
RESET output for the CAT140xx9; RESET output for the CAT140xx1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn