Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


CAT15002 Datasheet(Hoja de datos) 2 Page - Catalyst Semiconductor

No. de Pieza. CAT15002
Descripción  Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo 

 
 2 page
background image
CAT15002, CAT15004
Doc. No. 1126 Rev. A
2
© 2007 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Storage Temperature
-65 to +150
°C
Voltage on Any Pin with Respect to Ground
(2)
-0.5 to +6.5
V
RELIABILITY CHARACTERISTICS
(3)
Symbol Parameter
Min
Units
NEND
(4)
Endurance
1,000,000
Program/ Erase Cycles
TDR
Data Retention
100
Years
D.C. OPERATING CHARACTERISTICS
VCC = +2.5V to +5.5V unless otherwise specified.
Limits
Symbol Parameter
Min.
Typ.
Max.
Test Condition
Units
ICC
Supply Current
2
Read or Write at 10MHz, SO open
mA
12
25
VCC < 5.5V; VIN = VSS or VCC, CS
¯¯ = VCC
ISB
Standby Current
10
20
VCC < 3.6V; VIN = VSS or VCC, CS
¯¯ = VCC
μA
IL
I/O Pin Leakage
2
Pin at GND or VCC
μA
VIL
Input Low Voltage
-0.5
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage
0.4
VCC ≥ 2.5V, IOL = 3.0mA
V
VOH
Output High Voltage
VCC - 0.8
VCC ≥ 2.5V, IOH = -1.6mA
V
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The DC input voltage on any pin should not be lower than -0.5V or higher than VCC + 0.5V. During transitions, the voltage on any pin may
undershoot to no less than -1.5V or overshoot to no more than VCC + 1.5V, for periods of less than 20ns.
(3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.
(4) Page Mode, VCC = 5V, 25°C
SO
EEPROM
SCK
SI
CS
WP
VCC
VOLTAGE
DETECTOR
RST or RST
VSS




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CAT13008Voltage Supervisor with Microwire Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT14004Voltage Supervisor with I2C Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
M25P202 Mbit Low Voltage Serial Flash Memory With 40MHz SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
NX25F011B1M-BIT 2M-BIT AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M41ST87W5.0 3.3 or 3.0V 1280 bit 160 x8 Secure Serial RTC and NVRAM Supervisor with Tamper Detection 1 2 3 4 5 MoreSTMicroelectronics
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX32Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
PCF85116-32048 x 8-bit CMOS EEPROM with I2C-bus interface 1 2 3 4 5 MoreNXP Semiconductors
IDT74LVC573A3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
74LCX16646Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl