Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT130049JWI-GT3 Datasheet(PDF) 13 Page - Catalyst Semiconductor

No. de pieza CAT130049JWI-GT3
Descripción Electrónicos  Voltage Supervisor with Microwire Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT130049JWI-GT3 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT130049JWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT130049JWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT130049JWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT130049JWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT130049JWI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT130049JWI-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT130049JWI-GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT130049JWI-GT3 Datasheet HTML 13Page - Catalyst Semiconductor CAT130049JWI-GT3 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CAT130xx
© 2007 Catalyst Semiconductor, Inc.
13
Doc. No. 1121 Rev. A
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu pre-plated (PPF) lead frames.
(3) The device used in the above example is a CAT130019SWI-GT3 (1Kb EEPROM, with Active Low CMOS output, with a reset threshold between
2.85V - 3.00V, in an SOIC, Industrial Temperature, NiPdAu, Tape and Reel.
(4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
(5) For 8-Kb and 16-Kb embedded EEPROM option availability please contact your nearest Catalyst Semiconductor Sales office.
Prefix Device # Suffix
CAT
13001
9
S
W
I
-
G
T3
Company ID
Package
W: SOIC
Reset Threshold Voltage
L: 4.50V – 4.75V
M: 4.25V – 4.50V
J: 3.89V – 4.10V
T: 3.00V – 3.15V
S: 2.85V – 3.00V
R: 2.55V – 2.70V
Z: 2.25V – 2.38V
Lead Finish
G: NiPdAu (PPF)
Temperature Range
I = Industrial (-40ºC to 85ºC)
Product Type with
Memory Density
13001: 1-Kb EEPROM
13004: 4-Kb EEPROM
13008
(5): 8-Kb EEPROM
13016
(5): 16-Kb EEPROM
Supervisor Output Type
9: CMOS Active Low
1: CMOS Active High
Tape & Reel
T: Tape & Reel
3: 3000 units / Reel


Número de pieza similar - CAT130049JWI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT130049JWI-GT3 ONSEMI-CAT130049JWI-GT3 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
More results

Descripción similar - CAT130049JWI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
logo
Catalyst Semiconductor
CAT14004 CATALYST-CAT14004 Datasheet
797Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com