Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N60L-TN3-T Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza 2N60L-TN3-T
Descripción Electrónicos  2 Amps, 600 Volts N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60L-TN3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  2N60L-TN3-T Datasheet HTML 1Page - Unisonic Technologies 2N60L-TN3-T Datasheet HTML 2Page - Unisonic Technologies 2N60L-TN3-T Datasheet HTML 3Page - Unisonic Technologies 2N60L-TN3-T Datasheet HTML 4Page - Unisonic Technologies 2N60L-TN3-T Datasheet HTML 5Page - Unisonic Technologies 2N60L-TN3-T Datasheet HTML 6Page - Unisonic Technologies 2N60L-TN3-T Datasheet HTML 7Page - Unisonic Technologies 2N60L-TN3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-053,E
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Switching Characteristics
Turn-On Delay Time
tD (ON)
10
30
ns
Rise Time
tR
25
60
ns
Turn-Off Delay Time
tD(OFF)
20
50
ns
Fall Time
tF
VDD =300V, ID =2.4A, RG=25Ω
(Note 1,2)
25
60
ns
Total Gate Charge
QG
9.0
11
nC
Gate-Source Charge
QGS
1.6
nC
Gate-Drain Charge
QGD
VDS=480V, VGS=10V, ID=2.4A
(Note 1, 2)
4.3
nC
Drain-Source Diode Characteristics
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, ISD = 2.0 A
1.4
V
Continuous Drain-Source Current
ISD
2.0
A
Pulsed Drain-Source Current
ISM
8.0
A
Reverse Recovery Time
tRR
180
ns
Reverse Recovery Charge
QRR
VGS = 0 V, ISD = 2.4A,
di/dt = 100 A/µs (Note1)
0.72
µC
Note: 1. Pulse Test: Pulse Width ≤300µs, Duty Cycle≤2%
2. Essentially Independent of Operating Temperature


Número de pieza similar - 2N60L-TN3-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2N60L-TN3-T UTC-2N60L-TN3-T Datasheet
245Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
logo
ARTSCHIP ELECTRONICS CO...
2N60L-TN3-T ARTSCHIP-2N60L-TN3-T Datasheet
389Kb / 7P
   N-CHANNEL MOSFET
logo
VBsemi Electronics Co.,...
2N60L-TN3-T VBSEMI-2N60L-TN3-T Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Descripción similar - 2N60L-TN3-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Silicon Co., Ltd
FTK2N60P FS-FTK2N60P Datasheet
301Kb / 7P
   2 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
   10 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
   0.5 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60PD FS-FTK7N60PD Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60 UTC-1N60 Datasheet
143Kb / 8P
   1.2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
   1.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
15N60 UTC-15N60 Datasheet
165Kb / 6P
   15 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com