Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS71818-33DRVR Datasheet(PDF) 7 Page - Texas Instruments |
|
|
TPS71818-33DRVR Datasheet(HTML) 7 Page - Texas Instruments |
7 / 15 page www.ti.com 80 70 60 50 40 30 20 10 0 V (V) IN 3.0 4.0 3.2 3.4 3.6 3.8 V =2.80V OUT I =5mA OUT 10kHz 1kHz 100kHz 1MHz 90 80 70 60 50 40 30 20 10 0 10 100k 10M Frequency(Hz) 1k 10k 100 1M 5mA 100mA 200mA 80 70 60 50 40 30 20 10 0 V (V) IN 3.0 4.0 3.2 3.4 3.6 3.8 V =2.80V I =200mA OUT OUT 10kHz 1kHz 100kHz 1MHz 10 1 0.1 0.01 100 10k 100k Frequency(Hz) 1k V =2.80V OUT 20 s/div m I OUT1 V OUT1 V OUT2 250mA/div 10mV/div 10mV/div =200mA/ s m dI OUT dt I =3mA OUTmin 10 s/div m 3.3V 6.5V 1V/div 10mV/div 10mV/div V IN V OUT1 V OUT2 =1V/ s m dV IN dt TPS718xx TPS719xx SBVS088A – FEBRUARY 2007 – REVISED MARCH 2007 TYPICAL CHARACTERISTICS (continued) Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater; IOUT = 0.5mA, VEN1 = VEN2 = VIN, COUT = 1.0µF, unless otherwise noted. Typical values are at TJ = +25°C. POWER-SUPPLY RIPPLE REJECTION vs POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY (VIN– VOUT = 1V) INPUT VOLTAGE Figure 14. Figure 15. POWER-SUPPLY RIPPLE REJECTION vs OUTPUT SPECTRAL NOISE DENSITY vs INPUT VOLTAGE FREQUENCY Figure 16. Figure 17. LINE TRANSIENT RESPONSE LOAD TRANSIENT RESPONSE Figure 18. Figure 19. 7 Submit Documentation Feedback |
Número de pieza similar - TPS71818-33DRVR |
|
Descripción similar - TPS71818-33DRVR |