Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM7805CT Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
LM7805CT Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 28 page MC78XX/LM78XX/MC78XXA 4 Electrical Characteristics (MC7808) (Refer to test circuit ,0 °C < TJ < 125°C, IO = 500mA, VI =14V, CI= 0.33µF, CO= 0.1µF, unless otherwise specified) Note: 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty is used. Parameter Symbol Conditions MC7808 Unit Min. Typ. Max. Output Voltage VO TJ =+25 oC 7.7 8.0 8.3 5.0mA ≤ IO ≤ 1.0A, PO ≤ 15W VI = 10.5V to 23V 7.6 8.0 8.4 V Line Regulation (Note1) Regline TJ =+25 oC VI = 10.5V to 25V - 5.0 160 mV VI = 11.5V to 17V - 2.0 80 Load Regulation (Note1) Regload TJ =+25 oC IO = 5.0mA to 1.5A - 10 160 mV IO= 250mA to 750mA - 5.0 80 Quiescent Current IQ TJ =+25 oC- 5.0 8.0 mA Quiescent Current Change ∆IQ IO = 5mA to 1.0A - 0.05 0.5 mA VI = 10.5A to 25V - 0.5 1.0 Output Voltage Drift ∆VO/∆TIO = 5mA - -0.8 - mV/ oC Output Noise Voltage VN f = 10Hz to 100KHz, TA =+25 oC- 52 - µV/Vo Ripple Rejection RR f = 120Hz, VI= 11.5V to 21.5V 56 73 - dB Dropout Voltage VDrop IO = 1A, TJ=+25 oC- 2 - V Output Resistance rO f = 1KHz - 17 - m Ω Short Circuit Current ISC VI= 35V, TA =+25 oC - 230 - mA Peak Current IPK TJ =+25 oC- 2.2 - A |
Número de pieza similar - LM7805CT |
|
Descripción similar - LM7805CT |