Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS71826-33DRVT Datasheet(PDF) 5 Page - Texas Instruments |
|
TPS71826-33DRVT Datasheet(HTML) 5 Page - Texas Instruments |
5 / 15 page www.ti.com TYPICAL CHARACTERISTICS 4 3 2 1 0 1 2 3 4 - - - - 2.5 5.5 6.5 V (V) IN 3.5 4.5 I =5mA OUT T =+25 C J ° T =+85 C J ° T =+125 C J ° T = 0 C J -4 ° 0 1 2 3 4 5 - - - - - T =+85 C J ° T =+125 C J ° T =+25 C J ° T = 40 C J - ° I =200mA OUT 2.5 5.5 6.5 V (V) IN 3.5 4.5 4 2 0 2 4 6 8 10 - - - - - I (mA) OUT 0 5 1 2 3 4 T =+85 C J ° T =+125 C J ° T =+25 C J ° T = 40 C J - ° 5 0 5 10 15 20 25 30 35 40 - - - - - - - - 0 50 100 150 200 I (mA) OUT T =+125 C J T =+85 C T =+25 C T = 40 C J J J - ° ° ° ° 2.805 2.800 2.795 2.790 2.785 2.780 2.775 2.770 2.765 2.760 -40 65 125 T ( C) J ° 5 35 -25 -10 20 50 80 95 110 I =5mA OUT I =0.1mA OUT I =200mA OUT 350 300 250 200 150 100 50 0 0 100 200 I (mA) OUT 50 150 T =+125 C J ° T =+85 C J ° T =+25 C J ° T = 40 C - J ° TPS718xx TPS719xx SBVS088A – FEBRUARY 2007 – REVISED MARCH 2007 Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater; IOUT = 0.5mA, VEN1 = VEN2 = VIN, COUT = 1.0µF, unless otherwise noted. Typical values are at TJ = +25°C. LINE REGULATION LINE REGULATION Figure 2. Figure 3. LOAD REGULATION UNDER LIGHT LOADS LOAD REGULATION Figure 4. Figure 5. OUTPUT VOLTAGE vs DROPOUT VOLTAGE vs TEMPERATURE OUTPUT CURRENT Figure 6. Figure 7. 5 Submit Documentation Feedback |
Número de pieza similar - TPS71826-33DRVT |
|
Descripción similar - TPS71826-33DRVT |