Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB90495G Datasheet(PDF) 35 Page - Fujitsu Component Limited.

No. de pieza MB90495G
Descripción Electrónicos  16-bit Proprietary Microcontroller CMOS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90495G Datasheet(HTML) 35 Page - Fujitsu Component Limited.

Back Button MB90495G Datasheet HTML 31Page - Fujitsu Component Limited. MB90495G Datasheet HTML 32Page - Fujitsu Component Limited. MB90495G Datasheet HTML 33Page - Fujitsu Component Limited. MB90495G Datasheet HTML 34Page - Fujitsu Component Limited. MB90495G Datasheet HTML 35Page - Fujitsu Component Limited. MB90495G Datasheet HTML 36Page - Fujitsu Component Limited. MB90495G Datasheet HTML 37Page - Fujitsu Component Limited. MB90495G Datasheet HTML 38Page - Fujitsu Component Limited. MB90495G Datasheet HTML 39Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
MB90495G Series
35
• Block Diagram of Port 6 Pins
• Port 6 register
• The port 6 register contains the port 6 data register (PDR6) and the port 6 direction register (DDR6) .
• The bits making up the register are in a one-to-one relationship with the port 6 pins.
Port 6 Register and Corresponding Pins
Port Name
Related register bit and corresponding pin
Port 6
PDR6, DDR6
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Corresponding pin

P63
P62
P61
P60
Pch
Nch
Peripheral device input
Port data register (PDR)
PDR read
Output latch
PDR write
Port direction register (DDR)
Direction
latch
DDR write
DDR read
Pin
Standby control (SPL
= 1)
Standby control : control stop mode (SPL
= 1) , time-base timer mode (SPL = 1) , and watch mode (SPL = 1)


Número de pieza similar - MB90495G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB90495G FUJITSU-MB90495G_09 Datasheet
565Kb / 96P
   16-bit Proprietary Microcontroller
More results

Descripción similar - MB90495G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com