Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90495G Datasheet(PDF) 5 Page - Fujitsu Component Limited.

No. de Pieza. MB90495G
Descripción  16-bit Proprietary Microcontroller CMOS
Descarga  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90495G Datasheet(HTML) 5 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
MB90495G Series
5
(Continued)
s PACKAGES AND CORRESPONDING PRODUCTS
: available
× : not available
Note : See “Package Dimensions” for details.
s PRODUCT COMPARISON
Memory Size
When evaluating with evaluation chips and other means, take careful note of the different between the evaluation
chip and the chip actually used. Take particular note of the following.
• While the MB90V495G does not feature an on-chip ROM, the dedicated development tool can be used to
achieve operation equivalent to a product with built-in ROM. Therefore, the ROM size is configured by the
development tool.
• On the MB90V495G, the FF4000H to FFFFFFH image is only visible in the 00 bank, and the FE0000H to
FF3FFFH is only visible in the FE and FF banks (configurable on development tool) .
• On the MB90F497G/F498G/497G, the FF4000H to FFFFFFH image is visible in the 00 bank, and the FF0000H
to FF3FFFH is visible only in the FF bank.
Parameter
Part Number
MB90F497G
MB90497G
MB90F498G
MB90V495G
Delayed interrupt generation
module
Module for delayed interrupt generation switching tasks
Used in real-time OS
DTP/external interrupt circuit
Number of inputs : 8
Starting by rising edge, falling edge, “H” level input, or “L” level input, external
interrupts or extended intelligent I/O service (EI2OS) can be used
8/10-bit A/D converter
Number of channels : 8
Resolution : set 10-bit or 8-bit
Conversion time : 6.13
µs (with 16-MHz machine clock, including sampling time)
Continuous conversion of multiple linked channels possible
(up to 8 channels can be set)
One-shot conversion mode : converts selected channel only once
Continuous conversion mode : converts selected channel continuously
Stop conversion mode : converts selected channel and suspends operation
repeatedly
UART0 (SCI)
Number of channels : 1
Clock-synchronous forwarding : 62.5 Kbps to 2 Mbps
Clock-asynchronous forwarding : 1,202 bps to 62,500 bps
Transmission can be performed by two-way serial transmission or by master/
slave connection
UART1 (SCI)
Number of channels : 1
Clock-synchronous forwarding : 62.5 Kbps to 2 Mbps
Clock-asynchronous forwarding : 9,615 bps to 500 Kbps
Transmission can be performed by two-way serial transmission or by master/
slave connection
CAN
Compliant with CAN specification versions 2.0A and 2.0B
Send/receive message buffers : 8
Forwarding bit rate : 10 Kbps to 1 Mbps (with 16-MHz machine clock)
Package
MB90F497G
MB90497G
MB90F498G
FPT-64P-M06
FPT-64P-M09


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92