Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCZ145010EG Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc |
|
MCZ145010EG Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc |
2 / 12 page Sensors 2 Freescale Semiconductor MC145010 Figure 2. Block Diagram Table 1. Maximum Ratings(1) (Voltages referenced to VSS) 1. Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the limits in the Electrical Characteristics tables. Rating Symbol Value Unit DC Supply Voltage VDD -0.5 to +15 V DC Input Voltage C1, C2, Detect OSC, Low-Supply Trip I/O Feedback Test VIN -0.25 to VDD +0.25 -0.25 to VDD +0.25 -0.25 to VDD +10 -15 to +25 -1.0 to VDD +0.25 V DC Input Current per Pin IIN ±10 mA DC Output Current per Pin IOUT ±25 mA DC Supply Current, VDD and VSS Pins IDD +25 / -150 mA Power Dissipation in Still Air 5 Seconds Continuous PD 1200(2) 350(3) 2. Derating: -12 mW/°C from 25° to 60°C. 3. Derating -3.5 mW/°C from 25° to 60°C. This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit. For proper operation, it is recommended VIN and VOUT be constrained to the range VSS ≤ (VIN or VOUT) ≤ VDD. mW Storage Temperature Range TSTG -55 to +125 °C Lead Temperature, 1 mm From Case for 10 Seconds TL 5.0 °C + - + - Detect OSC R1 Test Strobe Low-supply Trip 3 12 13 16 4 15 2 1 C1 C2 AMP Comp Comp Alarm Logic Horn Modulator And Driver VDD - 5.0 VREF Timing Logic VDD - 3.5 V REF Smoke Gate On/off On/off 8 9 10 6 11 7 PIN 5 = VDD PIN 14 = VSS IRED Feedback Silver Brass I/O Gate OSC LED |
Número de pieza similar - MCZ145010EG |
|
Descripción similar - MCZ145010EG |