Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

RB521S30 Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de Pieza. RB521S30
Descripción  SURFACE MOUNT SCHOTTKY DIODE
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo 

RB521S30 Datasheet(HTML) 1 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RB521S30
SURFACE MOUNT SCHOTTKY DIODE
FEATURES
APPLICATIONS
MAXIMUM RATINGS
Rating
Symbol
Value
Units
This device is an extremely fast Schottky diode housed in the ultra-small
SOD-523 package. Ideal for applications where board space is at a
Extremely low Vf
Also available in lead-free plating (100% matte tin finish)
Low capacitance for reduced insertion losses
Reverse voltage rating of 30V
Mobile phones and accessories
Hand-held computers
Peak Reverse Voltage
Continuous Reverse Voltage
Continuous Forward Current
Non-repetitive Peak Forward Current, 60Hz Half Sine-Wave
Total Power Dissipation (Note 1)
Operating Junction Temperature Range
Storage Temperature Range
8/25/2005
Page 1
www.panjit.com
30
V
V
30
mA
200
A
1
200
mW
°C
-55 to +125
°C
-55 to +150
V
V
I
I
P
T
T
RM
R
F
FSM
tot
stg
T = 25°C Unless otherwise noted
J
J
Note 1. FR-5 Board 1.0 x 0.75 x 0.062 in.
SOD-523
THERMAL CHARACTERISTICS
Characteristic
Symbol
Units
thja
Thermal Resistance, Junction to Ambient
500
Value
R
°C/W
Marking Code: 521
High speed switching applications
Cathode Band
Indicates Polarity


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
SMS1546Surface Mount Mixer and Detector Schottky Diodes 1 2 3 Alpha Industries
SS10PH9High Current Density Surface Mount High-Voltage Schottky Rectifier 1 2 3 4 5 Vishay Siliconix
SMS7621Surface Mount Mixer and Detector Schottky Diodes 1 2 3 4 5 Skyworks Solutions Inc.
CMPD2004SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE 1 2 Central Semiconductor Corp
MBRM120LSurface Mount Schottky Power Rectifier 1 2 3 4 5 ON Semiconductor
BAV199DWQUAD SURFACE MOUNT LOW LEAKAGE DIODE 1 2 Diodes Incorporated
RB557WSchottky barrier diode 1 2 3 4 Diodes Incorporated
MXB-0301-7SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-3SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn