Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

RB521S30 Datasheet(PDF) 3 Page - Pan Jit International Inc.

No. de Pieza. RB521S30
Descripción  SURFACE MOUNT SCHOTTKY DIODE
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo 

RB521S30 Datasheet(HTML) 3 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.panjit.com
8/25/2005
Page 3
ORDERING INFORMATION
RB521S30 T/R7 - 7" reel, 3K units per reel
RB521S30 T/R13 - 13" reel, 10K units per reel
Copyright PanJit International, Inc 2005
The inform ation presented in this docum ent is believed to be accurate and reliable. The specifications and inform ation
herein are subject to change without notice. Pan Jit m akes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or
systems. Pan Jit does not convey any license under its patent rights or rights of others.
PACKAGE LAYOUT AND SUGGESTED PAD DIMENSIONS
RB521S30


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
SMS1546Surface Mount Mixer and Detector Schottky Diodes 1 2 3 Alpha Industries
SS10PH9High Current Density Surface Mount High-Voltage Schottky Rectifier 1 2 3 4 5 Vishay Siliconix
SMS7621Surface Mount Mixer and Detector Schottky Diodes 1 2 3 4 5 Skyworks Solutions Inc.
CMPD2004SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE 1 2 Central Semiconductor Corp
MBRM120LSurface Mount Schottky Power Rectifier 1 2 3 4 5 ON Semiconductor
BAV199DWQUAD SURFACE MOUNT LOW LEAKAGE DIODE 1 2 Diodes Incorporated
RB557WSchottky barrier diode 1 2 3 4 Diodes Incorporated
MXB-0301-7SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-3SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn