Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90350E Datasheet(PDF) 35 Page - Fujitsu Component Limited.

No. de Pieza. MB90350E
Descripción  16-bit Proprietary Microcontrollers
Descarga  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90350E Datasheet(HTML) 35 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
MB90350E Series
35
(Continued)
Address
Register
Abbreviation Access
Resource name
Initial value
000058H
to
00005BH
Reserved
00005CH
Output Compare Control Status
Register 4
OCS4
R/W
Output Compare 4/5
0000XX00B
00005DH
Output Compare Control Status
Register 5
OCS5
R/W
0XX00000B
00005EH
Output Compare Control Status
Register 6
OCS6
R/W
Output Compare 6/7
0000XX00B
00005FH
Output Compare Control Status
Register 7
OCS7
R/W
0XX00000B
000060H Timer Control Status Register 0
TMCSR0
R/W
16-bit Reload Timer 0
00000000B
000061H Timer Control Status Register 0
TMCSR0
R/W
XXXX0000B
000062H Timer Control Status Register 1
TMCSR1
R/W
16-bit Reload Timer 1
00000000B
000063H Timer Control Status Register 1
TMCSR1
R/W
XXXX0000B
000064H Timer Control Status Register 2
TMCSR2
R/W
16-bit Reload Timer 2
00000000B
000065H Timer Control Status Register 2
TMCSR2
R/W
XXXX0000B
000066H Timer Control Status Register 3
TMCSR3
R/W
16-bit Reload Timer 3
00000000B
000067H Timer Control Status Register 3
TMCSR3
R/W
XXXX0000B
000068H A/D Control Status Register 0
ADCS0
R/W
A/D Converter
000XXXX0B
000069H A/D Control Status Register 1
ADCS1
R/W
0000000XB
00006AH A/D Data Register 0
ADCR0
R
00000000B
00006BH A/D Data Register 1
ADCR1
R
XXXXXX00B
00006CH ADC Setting Register 0
ADSR0
R/W
00000000B
00006DH ADC Setting Register 1
ADSR1
R/W
00000000B
00006EH
Low Voltage/CPU Operation Detection
Reset Control Register
LVRC
R/W, W
Low Voltage/CPU
Operation Detection
Reset
00111000B
00006FH ROM Mirror Function Select Register
ROMM
W
ROM Mirror
XXXXXXX1B
000070H
to
00007FH
Reserved
000080H
to
00008FH
Reserved for CAN controller 1. Refer to “
■ CAN CONTROLLERS”
000090H
to
00009AH
Reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn