Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90350E Datasheet(PDF) 50 Page - Fujitsu Component Limited.

No. de Pieza. MB90350E
Descripción  16-bit Proprietary Microcontrollers
Descarga  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90350E Datasheet(HTML) 50 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 50 / 85 page
background image
MB90350E Series
50
(Continued)
Y1 : Usable
Y2 : Usable, with EI2OS stop function
N
: Unusable
Notes :
• The peripheral resources sharing the ICR register have the same interrupt level.
• When the peripheral resources sharing the ICR register use extended intelligent I/O service, only one
can use EI2OS at a time.
• When either of the two peripheral resources sharing the ICR register specifies EI2OS, the other one
cannot use interrupts.
Interrupt cause
EI2OS
corresponding
DMA ch
number
Interrupt vector
Interrupt control
register
Number
Address
Number
Address
UART 2 RX
Y2
14
#39
FFFF60H
ICR14
0000BEH
UART 2 TX
Y1
15
#40
FFFF5CH
Flash memory
N
#41
FFFF58H
ICR15
0000BFH
Delayed interrupt
N
#42
FFFF54H


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn