Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90350E Datasheet(PDF) 54 Page - Fujitsu Component Limited.

No. de Pieza. MB90350E
Descripción  16-bit Proprietary Microcontrollers
Descarga  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90350E Datasheet(HTML) 54 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
MB90350E Series
54
3.
DC Characteristics
(TA
= −40 °C to +125 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
(Continued)
Parameter
Sym-
bol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
“H” level
input
voltage
(At VCC
=
5 V
± 10%)
VIHS
⎯⎯
0.8 VCC
VCC
+ 0.3
V
Pin inputs if CMOS
hysteresis input levels
are selected (except P12,
P15, P44, P45, P50)
VIHA
⎯⎯
0.8 VCC
VCC
+ 0.3
V
Pin inputs if
Automotive input
levels are selected
VIHT
⎯⎯
2.0
VCC
+ 0.3
V
Pin inputs if TTL input
levels are selected
VIHS
⎯⎯
0.7 VCC
VCC
+ 0.3
V
P12, P15, P50 inputs if
CMOS input levels are
selected
VIHI
⎯⎯
0.7 VCC
VCC
+ 0.3
V
P44, P45 inputs if CMOS
hysteresis input levels
are selected
VIHR
⎯⎯
0.8 VCC
VCC
+ 0.3
V
RST input pin (CMOS
hysteresis)
VIHM
⎯⎯
VCC
− 0.3
VCC
+ 0.3
V
MD input pin
“L” level
input
voltage
(At VCC
=
5 V
± 10%)
VILS
⎯⎯
VSS
− 0.3
0.2 VCC
V
Pin inputs if CMOS
hysteresis input levels
are selected (except P12,
P15, P44, P45, P50)
VILA
⎯⎯
VSS
− 0.3
0.5 VCC
V
Pin inputs if
Automotive input
levels are selected
VILT
⎯⎯
VSS
− 0.3
0.8
V
Pin inputs if TTL
input levels are selected
VILS
⎯⎯
VSS
− 0.3
0.3 VCC
V
P12, P15, P50 inputs if
CMOS input levels are
selected
VILI
⎯⎯
VSS
− 0.3
0.3 VCC
V
P44, P45 inputs if CMOS
hysteresis input levels
are selected
VILR
⎯⎯
VSS
− 0.3
0.2 VCC
V
RST input pin (CMOS
hysteresis)
VILM
⎯⎯
VSS
− 0.3
VSS
+ 0.3
V
MD input pin
Output “H”
voltage
VOH
Normal
outputs
VCC
= 4.5 V,
IOH
= −4.0 mA
VCC
− 0.5
⎯⎯
V
Output “H”
voltage
VOHI
I2C current
outputs
VCC
= 4.5 V,
IOH
= −3.0 mA
VCC
− 0.5
⎯⎯
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn