Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90350E Datasheet(PDF) 55 Page - Fujitsu Component Limited.

No. de Pieza. MB90350E
Descripción  16-bit Proprietary Microcontrollers
Descarga  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90350E Datasheet(HTML) 55 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 55 / 85 page
background image
MB90350E Series
55
(TA
= −40 °C to +125 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
(Continued)
Parameter
Sym-
bol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Output “L”
voltage
VOL
Normal
outputs
VCC
= 4.5 V,
IOL
= 4.0 mA
⎯⎯
0.4
V
Output “L”
voltage
VOLI
I2C current
outputs
VCC
= 4.5 V,
IOL
= 3.0 mA
⎯⎯
0.4
V
Input leak
current
IIL
VCC
= 5.5 V,
VSS < VI < VCC
− 1
+ 1µA
Pull-up
resistance
RUP
P00 to P07,
P10 to P17,
P20 to P25,
P30 to P37,
RST
25
50
100
k
Pull-down
resistance
RDOWN
MD2
25
50
100
k
Except Flash
memory devices
Power supply
current
ICC
VCC
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At normal operation.
48
60
mA
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At writing Flash memory.
53
65
mA
Flash memory
devices
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At erasing Flash memory.
58
70
mA
Flash memory
devices
ICCS
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At Sleep mode.
25
35
mA
ICTS
VCC
= 5.0 V,
Internal frequency : 2 MHz,
At Main Timer mode
0.3
0.8
mA
Devices
without
“T”-suffix
0.4
1.0
mA
Devices
with “T”-suffix
ICTSPLL6
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At PLL Timer mode,
external frequency
= 4 MHz
47
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn