Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90350E Datasheet(PDF) 58 Page - Fujitsu Component Limited.

No. de Pieza. MB90350E
Descripción  16-bit Proprietary Microcontrollers
Descarga  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90350E Datasheet(HTML) 58 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 58 / 85 page
background image
MB90350E Series
58
(Continued)
(TA
= −40 °C to +125 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
Parameter
Sym-
bol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Power supply
current
ICCT
VCC
VCC = 5.0 V,
Internal frequency: 8 kHz,
During stopping clock
supervisor,
At watch mode
TA =
+25°C
10
35
µA
MB90F351E
MB90F352E
MB90351E
MB90352E
MB90F356E
MB90F357E
MB90356E
MB90357E
VCC = 5.0 V,
Internal frequency: 8 kHz,
During operating clock su-
pervisor,
At watch mode
TA =
+25°C
25
150
µA
MB90F356E
MB90F357E
MB90356E
MB90357E
VCC = 5.0 V,
Internal CR oscillation/
4 division,
At watch mode
TA =
+25°C
25
150
µA
MB90F356ES
MB90F357ES
MB90356ES
MB90357ES
VCC = 5.0 V,
Internal frequency: 8 kHz,
During stopping clock
supervisor,
At watch mode
TA =
+25°C
60
140
µA
MB90F351TE
MB90F352TE
MB90351TE
MB90352TE
MB90F356TE
MB90F357TE
MB90356TE
MB90357TE
VCC = 5.0 V,
Internal frequency: 8 kHz,
During operating clock
supervisor,
At watch mode
TA =
+25°C
80
250
µA
MB90F356TE
MB90F357TE
MB90356TE
MB90357TE
VCC = 5.0 V,
Internal CR oscillation/
4 division,
At watch mode
TA =
+25°C
80
250
µA
MB90F356TES
MB90F357TES
MB90356TES
MB90357TES
ICCH
VCC
= 5.0 V,
At stop mode,
TA
= +25°C
725
µA
Devices
without
“T”-suffix
60
130
µA
Devices
with “T”-suffix
Input capacity
CIN
Other than
C, AVCC, AVSS,
AVRH, VCC,
VSS
⎯⎯
515
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn