Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90350E Datasheet(PDF) 59 Page - Fujitsu Component Limited.

No. de Pieza. MB90350E
Descripción  16-bit Proprietary Microcontrollers
Descarga  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90350E Datasheet(HTML) 59 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
MB90350E Series
59
4.
AC Characteristics
(1) Clock Timing
(TA
= −40 °C to +125 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
(Continued)
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fC
X0, X1
3
16
MHz
1/2 (at PLL stop)
When using an oscillation circuit
4
16
MHz
1 multiplied PLL
When using an oscillation circuit
4
12
MHz
2 multiplied PLL
When using an oscillation circuit
4
8MHz
3 multiplied PLL
When using an oscillation circuit
4
6MHz
4 multiplied PLL
When using an oscillation circuit
⎯⎯
4MHz
6 multiplied PLL
When using an oscillation circuit
X0
3
24
MHz
1/2 (at PLL stop),
When using an external clock
4
24
MHz
1 multiplied PLL
When using an external clock
4
12
MHz
2 multiplied PLL
When using an external clock
4
8MHz
3 multiplied PLL
When using an external clock
4
6MHz
4 multiplied PLL
When using an external clock
⎯⎯
4MHz
6 multiplied PLL
When using an external clock
fCL
X0A, X1A
32.768
100
kHz
When using sub clock
Clock cycle time
tCYL
X0, X1
62.5
333
ns
When using an oscillation circuit
X0
41.67
333
ns
When using an external clock
tCYLL
X0A, X1A
10
30.5
µs
Input clock pulse width
PWH, PWL
X0
10
⎯⎯
ns
Duty ratio should be about
30
% to 70%.
PWHL, PWLL
X0A
5
15.2
⎯µs
Input clock rise and fall
time
tCR, tCF
X0
⎯⎯
5
ns
When using an external clock


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn