Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB90350E Datasheet(PDF) 64 Page - Fujitsu Component Limited.

No. de pieza MB90350E
Descripción Electrónicos  16-bit Proprietary Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90350E Datasheet(HTML) 64 Page - Fujitsu Component Limited.

Back Button MB90350E Datasheet HTML 60Page - Fujitsu Component Limited. MB90350E Datasheet HTML 61Page - Fujitsu Component Limited. MB90350E Datasheet HTML 62Page - Fujitsu Component Limited. MB90350E Datasheet HTML 63Page - Fujitsu Component Limited. MB90350E Datasheet HTML 64Page - Fujitsu Component Limited. MB90350E Datasheet HTML 65Page - Fujitsu Component Limited. MB90350E Datasheet HTML 66Page - Fujitsu Component Limited. MB90350E Datasheet HTML 67Page - Fujitsu Component Limited. MB90350E Datasheet HTML 68Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 85 page
background image
MB90350E Series
64
(5) Bus Timing (Read)
(TA = –40
°C to +105°C, VCC = 5.0 V ± 10 %, VSS = 0.0 V, fCP ≤ 24 MHz)
* : Number of ready cycles
Parameter
Sym-
bol
Pin
Condition
Value
Unit
Min
Max
ALE pulse width
tLHLL
ALE
tCP/2
− 10
ns
Valid address
→ ALE ↓ time
tAVLL
ALE, A21 to A16,
AD15 to AD00
tCP/2
− 20
ns
ALE
↓ → Address valid time
tLLAX
ALE, AD15 to AD00
tCP/2
− 15
ns
Valid address
→ RD ↓ time
tAVRL
A21 to A16,
AD15 to AD00, RD
tCP
− 15
ns
Valid address
→ Valid data
input
tAVDV
A21 to A16,
AD15 to AD00
5 tCP/2
− 60
ns
RD pulse width
tRLRH
RD
(n*+3/2) tCP
− 20
ns
RD
↓ → Valid data input
tRLDV
RD, AD15 to AD00
(n*+3/2) tCP
− 50
ns
RD
↑ → Data hold time
tRHDX
RD, AD15 to AD00
0
ns
RD
↑ → ALE ↑ time
tRHLH
RD, ALE
tCP/2
− 15
ns
RD
↑ → Address valid time
tRHAX
RD, A21 to A16
tCP/2
− 10
ns
Valid address
→ CLK ↑ time
tAVCH
A21 to A16,
AD15 to AD00,
CLK
tCP/2
− 16
ns
RD
↓ → CLK ↑ time
tRLCH
RD, CLK
tCP/2
− 15
ns
ALE
↓ → RD ↓ time
tLLRL
ALE, RD
tCP/2
− 15
ns


Número de pieza similar - MB90350E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
MB90350E CYPRESS-MB90350E Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
logo
Fujitsu Component Limit...
MB90350E FUJITSU-MB90350E_08 Datasheet
2Mb / 92P
   16-bit Microcontrollers
More results

Descripción similar - MB90350E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90561 FUJITSU-MB90561 Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90565 FUJITSU-MB90565_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90385 FUJITSU-MB90385_08 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com