Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90350E Datasheet(PDF) 66 Page - Fujitsu Component Limited.

No. de Pieza. MB90350E
Descripción  16-bit Proprietary Microcontrollers
Descarga  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90350E Datasheet(HTML) 66 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
MB90350E Series
66
(6) Bus Timing (Write)
(TA = –40
°C to +105°C, VCC = 5.0 V ± 10 %, VSS = 0.0 V, fCP ≤ 24 MHz)
* : Number of ready cycles
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Max
Valid address
→ WR ↓ time
tAVWL
A21 to A16,
AD15 to AD00,
WR
tCP
−15
ns
WR pulse width
tWLWH
WR
(n*+3/2)tCP
− 20
ns
Valid data output
→ WR ↑
time
tDVWH
AD15 to AD00,
WR
(n*+3/2)tCP
− 20
ns
WR
↑ → Data hold time
tWHDX
AD15 to AD00,
WR
15
ns
WR
↑ → Address valid time
tWHAX
A21 to A16,
WR
tCP/2
− 10
ns
WR
↑ → ALE ↑ time
tWHLH
WR, ALE
tCP/2
− 15
ns
WR
↓ → CLK ↑ time
tWLCH
WR, CLK
tCP/2
− 15
ns
CLK
tWLCH
2.4 V
ALE
tWHLH
2.4 V
WR (WRL, WRH)
tWLWH
0.8 V
2.4 V
tAVWL
A21 to A16
0.8 V
2.4 V
2.4 V
0.8 V
tWHAX
AD15 to AD00
2.4 V
0.8 V
Address
0.8 V
2.4 V
Write data
tDVWH
0.8 V
2.4 V
tWHDX
For 1 cycle of auto-ready


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn