Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90350E Datasheet(PDF) 69 Page - Fujitsu Component Limited.

No. de Pieza. MB90350E
Descripción  16-bit Proprietary Microcontrollers
Descarga  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90350E Datasheet(HTML) 69 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
MB90350E Series
69
(9) UART 2/3
(TA
= −40 °C to +125 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
* : Refer to “ (1) Clock timing” rating for tCP (internal operating clock cycle time).
Notes :
• AC characteristic in CLK synchronous mode.
• CL is load capacity value of pins when testing.
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
SCK2, SCK3
Internal shift clock mode output
pins are CL
= 80 pF + 1 TTL
8 tCP*
ns
SCK
↓ → SOT delay time
tSLOV
SCK2, SCK3,
SOT2, SOT3
−80
+80
ns
Valid SIN
→ SCK ↑
tIVSH
SCK2, SCK3,
SIN2, SIN3
100
ns
SCK
↑ → Valid SIN hold time
tSHIX
SCK2, SCK3,
SIN2, SIN3
60
ns
Serial clock “H” pulse width
tSHSL
SCK2, SCK3
External shift clock mode out-
put pins are
CL
= 80 pF + 1 TTL
4 tCP
ns
Serial clock “L” pulse width
tSLSH
SCK2, SCK3
4 tCP
ns
SCK
↓ → SOT delay time
tSLOV
SCK2, SCK3,
SOT2, SOT3
150
ns
Valid SIN
→ SCK ↑
tIVSH
SCK2, SCK3,
SIN2, SIN3
60
ns
SCK
↑ → Valid SIN hold time
tSHIX
SCK2, SCK3,
SIN2, SIN3
60
ns
• Internal Shift Clock Mode
SCK
2.4 V
tSCYC
0.8 V
SOT
0.8 V
2.4 V
0.8 V
tSLOV
SIN
VIL
VIH
tIVSH
VIL
VIH
tSHIX


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn