Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MB90350E Datasheet(PDF) 16 Page - Fujitsu Component Limited.

No. de Pieza. MB90350E
Descripción  16-bit Proprietary Microcontrollers
Descarga  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90350E Datasheet(HTML) 16 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
MB90350E Series
16
(Continued)
Pin No.
Pin name
I/O
Circuit
type*
Function
24 to 31
P00 to P07
G
General purpose I/O ports. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD00 to AD07
Input/output pins of external address data bus lower 8 bits. This function is
enabled when the external bus is enabled.
INT8 to INT15
External interrupt request input pins for INT8 to INT15
32
P10
G
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD08
Input/output pin for external bus address data bus bit 8.
This function is enabled when external bus is enabled.
TIN1
Event input pin for reload timer1
33
P11
G
General purpose I/O port. The register can be set to select whether to use a
pull-up resistor. This function is enabled in single-chip mode.
AD09
Input/output pin for external bus address data bus bit 9. This function is
enabled when external bus is enabled.
TOT1
Output pin for reload timer1
34
P12
N
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD10
Input/output pin for external bus address data bus bit 10. This function is
enabled when external bus is enabled.
SIN3
Serial data input pin for UART3
INT11R
External interrupt request input pin for INT11
35
P13
G
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD11
Input/output pin for external bus address data bus bit 11.
This function is enabled when external bus is enabled.
SOT3
Serial data output pin for UART3
36
P14
G
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD12
Input/output pin for external bus address data bus bit 12.
This function is enabled when external bus is enabled.
SCK3
Clock input/output pin for UART3
37
P15
N
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD13
Input/output pin for external bus address data bus bit 13.
This function is enabled when external bus is enabled.
38
P16
G
General purpose I/O port. The register can be set to select whether to use
a pull-up resistor. This function is enabled in single-chip mode.
AD14
Input/output pin for external bus address data bus bit 14.
This function is enabled when external bus is enabled.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn